Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 145Page - Microchip Technology PIC12F752 Datasheet HTML 146Page - Microchip Technology PIC12F752 Datasheet HTML 147Page - Microchip Technology PIC12F752 Datasheet HTML 148Page - Microchip Technology PIC12F752 Datasheet HTML 149Page - Microchip Technology PIC12F752 Datasheet HTML 150Page - Microchip Technology PIC12F752 Datasheet HTML 151Page - Microchip Technology PIC12F752 Datasheet HTML 152Page - Microchip Technology PIC12F752 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 149
PIC12F752/HV752
17.5
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W and STATUS
registers). This must be implemented in software.
Temporary
holding
registers
W_TEMP
and
STATUS_TEMP should be placed in the last 16 bytes
of GPR (see Figure 2-2). These 16 locations are
common to all banks and do not require banking. This
makes context save and restore operations simpler.
The code shown in Example 17-1 can be used to:
• Store the W register
• Store the STATUS register
• Execute the ISR code
• Restore the Status (and Bank Select Bit register)
• Restore the W register
EXAMPLE 17-1:
SAVING STATUS AND W REGISTERS IN RAM
17.6
Watchdog Timer (WDT)
The Watchdog Timer is a free running timer, using
LFINTOSC oscillator as its clock source. The WDT is
enabled by setting the WDTE bit of the Configuration
Word (default setting). When WDTE is set, the
LFINTOSC will always be enabled to provide a clock
source to the WDT module.
During normal operation, a WDT time-out generates a
device Reset. If the device is in Sleep mode, a WDT
time-out causes the device to wake-up and continue
with normal operation.
The
WDT
can
be
permanently
disabled
by
programming the Configuration bit, WDTE, as clear
(Section 17.1 “Configuration Bits”).
17.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no
prescaler).
The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see DC specs). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION register. Thus, time-out periods
up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the prescaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time-out.
Note:
The PIC12F752/HV752 does not require
saving the PCLATH. However, if com-
puted GOTOs are used in both the ISR and
the main code, the PCLATH must be
saved and restored in the ISR.
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS,W
;Swap status to be saved into W
;Swaps are used because they do not affect the status bits
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
:
:(ISR)
;Insert user code here
:
SWAPF
STATUS_TEMP,W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP,F
;Swap W_TEMP
SWAPF
W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com