Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 160Page - Microchip Technology PIC12F752 Datasheet HTML 161Page - Microchip Technology PIC12F752 Datasheet HTML 162Page - Microchip Technology PIC12F752 Datasheet HTML 163Page - Microchip Technology PIC12F752 Datasheet HTML 164Page - Microchip Technology PIC12F752 Datasheet HTML 165Page - Microchip Technology PIC12F752 Datasheet HTML 166Page - Microchip Technology PIC12F752 Datasheet HTML 167Page - Microchip Technology PIC12F752 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 204 page
background image
PIC12F752/HV752
DS41576A-page 164
Preliminary
 2011 Microchip Technology Inc.
20.2
DC Characteristics: PIC12F752-I (Industrial)
PIC12F752-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010
Supply Current (IDD)(1, 2)
—
8TBD
A2.0
FOSC = 31 kHz
LFINTOSC mode
PIC12F752
—
16
TBD
A3.0
—31
TBD
A5.0
D011*
—
130
TBD
A2.0
FOSC = 1 MHz
HFINTOSC mode
—215
TBD
A3.0
—360
TBD
A5.0
D012*
—
185
TBD
A2.0
FOSC = 4 MHz
EC Oscillator mode
—325
TBD
A3.0
—
0.665
TBD
mA
5.0
D013*
—
245
TBD
A2.0
FOSC = 4 MHz
HFINTOSC mode
—360
TBD
A3.0
—
0.620
TBD
mA
5.0
D014
—
395
TBD
A2.0
FOSC = 8 MHz
HFINTOSC mode
—
0.620
TBD
mA
3.0
—
1.2
TBD
mA
5.0
D015
—
2.6
TBD
mA
4.5
FOSC = 20 MHz
EC Oscillator mode
—
2.8
TBD
mA
5.0
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: CLKIN = external square
wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the cur-
rent consumption.
1:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com