Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 163Page - Microchip Technology PIC12F752 Datasheet HTML 164Page - Microchip Technology PIC12F752 Datasheet HTML 165Page - Microchip Technology PIC12F752 Datasheet HTML 166Page - Microchip Technology PIC12F752 Datasheet HTML 167Page - Microchip Technology PIC12F752 Datasheet HTML 168Page - Microchip Technology PIC12F752 Datasheet HTML 169Page - Microchip Technology PIC12F752 Datasheet HTML 170Page - Microchip Technology PIC12F752 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 167
PIC12F752/HV752
20.5
DC Characteristics: PIC12F752 - E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D020E
Power-down Base
Current (IPD)(2)
PIC12F752
—0.1
TBD
A
2.0
WDT, BOR, Comparator, DAC and
FVR disabled
—0.3
TBD
A3.0
—0.5
TBD
A5.0
D021E
—
3.0
TBD
A
2.0
WDT Current(1)
—4.0
TBD
A3.0
—7.0
TBD
A5.0
D022E
—
5.0
TBD
A
3.0
BOR Current(1)
—6.0
TBD
A5.0
D023E
—
362
TBD
A
2.0
CxSP = 1, Comparator Current(1),
single comparator enabled
—418
TBD
A3.0
—500
TBD
A5.0
D024E
—
96
TBD
A
2.0
CxSP = 0, Comparator Current(1),
single comparator enabled
—112
TBD
A3.0
—132
TBD
A5.0
D025E
—
.03
TBD
A
3.0
A/D Current(1), no conversion in
progress
—0.36
TBD
A5.0
D026E
—
0.2
TBD
A
3.0
DAC Current(1,3)
—0.4
TBD
A5.0
D027E
—
59
TBD
A
3.0
FVR Current(1), FVRBUFEN = 1,
REFOUT buffer enabled
—98
TBD
A5.0
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
Both or one input reference are in high z-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com