Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 166Page - Microchip Technology PIC12F752 Datasheet HTML 167Page - Microchip Technology PIC12F752 Datasheet HTML 168Page - Microchip Technology PIC12F752 Datasheet HTML 169Page - Microchip Technology PIC12F752 Datasheet HTML 170Page - Microchip Technology PIC12F752 Datasheet HTML 171Page - Microchip Technology PIC12F752 Datasheet HTML 172Page - Microchip Technology PIC12F752 Datasheet HTML 173Page - Microchip Technology PIC12F752 Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 204 page
background image
PIC12F752/HV752
DS41576A-page 170
Preliminary
 2011 Microchip Technology Inc.
20.8
DC Characteristics:
PIC12F752/HV752-I (Industrial)
PIC12F752/HV752-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O port:
D030
with TTL buffer
Vss
—
0.8
V
4.5V
 VDD  5.5V
D030A
Vss
—
0.15 VDD
V2.0V
 VDD  4.5V
D031
with Schmitt Trigger buffer
Vss
—
0.2 VDD
V2.0V
 VDD  5.5V
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5V
 VDD 5.5V
D040A
0.25 VDD + 0.8
—
VDD
V2.0V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V2.0V
 VDD  5.5V
D042
MCLR
0.8 VDD
—VDD
V
IIL
Input Leakage Current(1,2)
D060
I/O ports
—
0.1
1
AVSS VPIN VDD,
Pin at high-impedance
D061
RA3/MCLR(2,3)
—
0.7
5
AVSS VPIN VDD
D063
—
0.1
5
A
EC Configuration
D070*
IPUR
PORTA Weak Pull-up
Current(4)
50
250
400
AVDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage
——
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40°C to +125°C
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40°C to +85°C
VOH
Output High Voltage
VDD – 0.7
—
—
V
IOH = -2.5mA, VDD = 4.5V,
-40°C to +125°C
D090
I/O ports(1)
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V,
-40°C to +85°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
Negative current is defined as current sourced by the pin.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
This specification applies to RA3/MCLR configured as RA3 with the internal weak pull-up disabled.
4:
This specification applies to all weak pull-up pins, including the weak pull-up found on RA3/MCLR. When RA3/MCLR is
configured as MCLR Reset pin, the weak pull-up is always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com