Electronic Components Datasheet Search
  English  ▼

X  

PIC12F752 Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 171Page - Microchip Technology PIC12F752 Datasheet HTML 172Page - Microchip Technology PIC12F752 Datasheet HTML 173Page - Microchip Technology PIC12F752 Datasheet HTML 174Page - Microchip Technology PIC12F752 Datasheet HTML 175Page - Microchip Technology PIC12F752 Datasheet HTML 176Page - Microchip Technology PIC12F752 Datasheet HTML 177Page - Microchip Technology PIC12F752 Datasheet HTML 178Page - Microchip Technology PIC12F752 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 175
PIC12F752/HV752
TABLE 20-2:
OSCILLATOR PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param
No.
Sym
Characteristic
Freq.
Tolerance
Min
Typ†
Max
Units
Conditions
OS06
TWARM
Internal Oscillator Switch
when running(3)
——
—
2
TOSC
Slowest clock
OS07
INTOSC
Internal Calibrated
INTOSC Frequency(2)
(4 MHz)
1%
3.96
4.0
4.04
MHz
VDD = 3.5V, TA = 25°C
2%
3.92
4.0
4.08
MHz
2.5V
VDD  5.5V,
0°C
 TA  +85°C
5%
3.80
4.0
4.2
MHz
2.0V
VDD  5.5V,
-40°C
 TA  +85°C (Ind.),
-40°C
 TA  +125°C (Ext.)
OS08
INTOSC
Internal Calibrated
INTOSC Frequency(2)
(8 MHz)
1%
7.92
8.0
8.08
MHz
VDD = 3.5V, TA = 25°C
2%
7.84
8.0
8.16
MHz
2.5V
VDD  5.5V,
0°C
 TA  +85°C
5%
7.60
8.0
8.40
MHz
2.0V
VDD  5.5V,
-40°C
 TA  +85°C (Ind.),
-40°C
 TA  +125°C (Ext.)
OS10*
TIOSC ST
INTOSC Oscillator Wake-
up from Sleep
Start-up Time
—TBD
12
TBD
sVDD = 2.0V, -40°C to +85°C
—
TBD
7
TBD
sVDD = 3.0V, -40°C to +85°C
—
TBD
6
TBD
sVDD = 5.0V, -40°C to +85°C
Legend:
TBD = To Be Determined
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing
code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected
current consumption. All devices are tested to operate at “min” values with an external clock applied to the CLKIN pin.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
3:
By design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com