Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4802ACCM Datasheet HTML 4Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 5Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 6Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
8
_______________________________________________________________________________________
Pin/Bump Descriptions (continued)
PIN/BUMP
MAX4802A
LQFP
MAX4802A
CSBGA
MAX4802A
PLCC
NAME
FUNCTION
1
E4
26
COM5
Analog Switch 5—Common Terminal
2, 4, 6, 7, 9,
11,13, 15, 17,
19, 21, 23, 26,
30, 31, 32, 38,
40, 42, 44, 46,
48
—
9, 15
N.C.
No Connection. Not connected internally.
3
E1
27
COM4
Analog Switch 4—Common Terminal
5
E3
28
NO4
Analog Switch 4—Normally Open Terminal
8
D1
1
COM3
Analog Switch 3—Common Terminal
10
D3
2
NO3
Analog Switch 3—Normally Open Terminal
12
D4
3
COM2
Analog Switch 2—Common Terminal
14
C3
4
NO2
Analog Switch 2—Normally Open Terminal
16
C4
5
COM1
Analog Switch 1—Common Terminal
18
A4
6
NO1
Analog Switch 1—Normally Open Terminal
20
C5
7
COM0
Analog Switch 0—Common Terminal
22
D5
8
NO0
Analog Switch 0—Normally Open Terminal
24
C6
10
VPP
Positive High-Voltage Supply. Bypass VPP to GND with a
0.1μF or greater ceramic capacitor.
25
C7
12
VNN
Negative High-Voltage Supply. Bypass VNN to GND with a
0.1μF or greater ceramic capacitor.
27
D6
11
RGND
Bleed Resistor Ground
28
D7
13
GND
Ground
29
D9
14
VDD
Digital Supply Voltage. Bypass VDD to GND with a 0.1μF or
greater ceramic capacitor.
33
E9
16
DIN
Serial-Data Input
34
E7
17
CLK
Serial-Clock Input
35
E6
18
LE
Latch-Enable Input, Active Low
36
F7
19
CLR
Latch Clear Input
37
F6
20
DOUT
Serial-Data Output
39
E5
21
COM7
Analog Switch 7—Common Terminal
41
F5
22
NO7
Analog Switch 7—Normally Open Terminal
43
F4
23
COM6
Analog Switch 6—Common Terminal
45
H4
24
NO6
Analog Switch 6—Normally Open Terminal
47
F3
25
NO5
Analog Switch 5—Normally Open Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com