Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 12Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 13Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 14Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
14
______________________________________________________________________________________
A
B
C
D
E
F
G
H
1
23
45678
9
D1
E1
E7
F7
C7
D7
A4
H4
E9
D9
E6
F6
C6
D6
E5
F5
C5
D5
E4
F4
C4
D4
E3
F3
C3
D3
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
NO0
NO1
NO2
NO3
NO4
NO5
NO6
NO7
DIN
CLK
LE
CLR
DOUT
GND
N.C. (RGND)
VDD
VPP
VNN
CSBGA
MAX4800A
MAX4802A
() MAX4802A ONLY
TOP VIEW
+
Pin/Bump Configurations (continued)
Package Information
For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains
to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
26 CSBGA
X07265+1
21-0158
90-0184
28 PLCC
Q28+13
21-0049
90-0235
48 LQFP
C48+6
21-0054
90-0093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com