Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4802ACCM Datasheet HTML 1Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 2Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 3Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 4Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 5Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 6Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +6V, VPP = +40V to (VNN + 200V), VNN = -40V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Input Capacitance
CIN
(Note 4)
10
pF
Logic Input Leakage
IIN
-1
+1
μA
DOUT Low Voltage
VOL
ISINK = 1mA
0.4
V
DOUT High Voltage
VOH
ISOURCE = 0.75mA
VDD -
0.5
V
POWER SUPPLIES
VDD Supply Voltage
VDD
2.7
6.0
V
VPP Supply Voltage
VPP
40
VNN +
200
V
VNN Supply Voltage
VNN
-160
-15
V
VDD Supply Quiescent Current
IDDQ
VIL = 0V, VIH = VPSD, fCLK = 0Hz
3
μA
VDD Supply Dynamic Current
IDD
VDD = +5V, VIL = 0V, VIH = +5V,
fCLK = 5MHz
2
mA
VPP Supply Quiescent Current
IPPQ
All switches remain on or off,
ICOM_(ON) = 5mA
10
50
μA
TA = 0°C
6.5
TA = +25°C
6.5
VPP = +40V,
VNN = -160V
TA = +70°C
6.5
TA = 0°C
4.0
TA = +25°C
4.0
VPP = +100V,
VNN = -100V
TA = +70°C
4.0
TA = 0°C
4.0
TA = +25°C
4.0
VPP Supply Dynamic Current
IPP
50kHz
output
switching
frequency
with no load
VPP = +160V,
VNN = -40V
TA = +70°C
4.0
mA
VNN Supply Quiescent Current
INNQ
All switches remain on or off,
ICOM_(ON) = 5mA
10
50
μA
TA = 0°C
6.5
TA = +25°C
6.5
VPP = +40V,
VNN = -160V
TA = +70°C
6.5
TA = 0°C
4.0
TA = +25°C
4.0
VPP = +100V,
VNN = -100V
TA = +70°C
4.0
TA = 0°C
4.0
TA = +25°C
4.0
VNN Supply Dynamic Current
INN
50kHz
output
switching
frequency
with no load
VPP = +160V,
VNN = -40V
TA = +70°C
4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com