Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4802ACCM Datasheet HTML 5Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 6Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 12Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
_______________________________________________________________________________________
9
Detailed Description
The MAX4800A/MAX4802A provide high-voltage
switching on eight channels for ultrasound imaging and
printer applications. The devices utilize BCDMOS
process technology to provide eight high-voltage low-
charge-injection SPST switches, controlled by a 20MHz
serial interface. Data is clocked into an internal 8-bit
shift register and retained by a programmable latch
with enable and clear inputs. A power-on reset function
ensures that all switches are open on power-up.
The devices operate with a wide range of high-voltage
supplies including: VPP/VNN = +100V/-100V,
+185V/-15V, or +40V/-160V. The digital interface oper-
ates from a separate VDD supply from +2.7V to +6V.
Digital inputs DIN, CLK, LE, and CLR are +6V tolerant,
independent of the VDD supply voltage. The MAX4802A
provides integrated 35k
Ω bleed resistors on each
switch terminal to discharge capacitive loads.
The devices are drop-in replacements for the Supertex
HV2203 and HV2303, respectively.
Analog Switch
The devices allow a peak-to-peak analog-signal range
from VNN + 10V to VPP - 10V. Analog switch inputs
must be unconnected, or satisfy VNN
≤ (VCOM_,
VNO_)
≤ VPP during power-up and power-down.
High-Voltage Supplies
The devices allow a wide range of high-voltage sup-
plies.
The
devices
operate
with
VNN from
-160V to -15V and VPP from +40V to (VNN + 200V).
When VNN is connected to GND (single-supply applica-
tions), the devices operate with VPP up to +200V.
50%
50%
tWC
90%
tON
DIN
LE
CLK
DOUT
SWITCH
*FOR SLOWER CLK RATES REFER TO THE MAX4800/MAX4801/MAX4802 DATA SHEET.
CLR
OFF
ON
10%
tOFF
tDO
tDH
tDS
50%
50%
50%
50%
50%
50%
DN
DN-1
DN+1
tWL
tCS
Figure 1. Serial Interface Timing*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com