Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4802ACCM Datasheet HTML 6Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 12Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 13Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
10
______________________________________________________________________________________
The VPP and VNN high-voltage supplies are not
required to be symmetrical, but the voltage difference
VPP - VNN must not exceed 200V.
Bleed Resistors (MAX4802A)
The MAX4802A features integrated 35k
Ω bleed resis-
tors to discharge capacitive loads such as piezoelec-
tric transducers. Each analog-switch terminal is
connected to RGND with a bleed resistor.
Serial Interface
The devices are controlled by a serial interface with an
8-bit serial shift register and transparent latch. Each of
the eight data bits controls a single analog switch (see
Table 1). Data on DIN is clocked with the most signifi-
cant bit (MSB) first into the shift register on the rising
edge of CLK. Data is clocked out of the shift register
onto DOUT on the rising edge of CLK. DOUT reflects
the status of DIN, delayed by eight clock cycles (see
Figures 1 and 2).
Latch Enable (
LE)
Drive LE logic-low to change the contents of the latch
and update the state of the high-voltage switches
(Figure 2). Drive LE logic-high to freeze the contents of
the latch and prevent changes to the switch states. To
reduce noise due to clock feedthrough, drive LE logic-
high while data is clocked into the shift register. After
the data shift register is loaded with valid data, pulse
LE logic-low to load the contents of the shift register
into the latch.
Latch Clear (CLR)
The devices feature a latch clear input. Drive CLR
logic-high to reset the contents of the latch to zero and
open all switches. CLR does not affect the contents of
the data shift register. Pulse LE logic-low to reload the
contents of the shift register into the latch.
Power-On Reset
The devices feature a power-on reset circuit to ensure
all switches are open at power-on. The internal 8-bit ser-
ial shift register and latch are set to zero on power-up.
LE
CLK
DOUT
DATA FROM PREVIOUS DATA BYTE POWER-UP DEFAULT: D7–D0 = 0
D7
D6
D5
D4
D3
D2
D1
D0
D7
DIN
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
Figure 2. Latch-Enable Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com