Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 12Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 13Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 14Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
______________________________________________________________________________________
11
Applications Information
Logic Levels
The devices’ digital interface inputs CLK, DIN, LE, and
CLR are tolerant of up to +6V, independent of the VDD
supply voltage, allowing compatibility with higher volt-
age controllers.
Daisy Chaining Multiple Devices
Digital output DOUT is provided to allow the connection
of multiple devices by daisy-chaining (Figure 3).
Connect each DOUT to the DIN of the subsequent
device in the chain. Connect CLK, LE, and CLR inputs
of all devices, and drive LE logic-low to update all
devices simultaneously. Drive CLR high to open all the
switches simultaneously. Additional shift registers may
be included anywhere in series with the MAX4800A/
MAX4802A data chain.
Supply Sequencing and Bypassing
The devices do not require special sequencing of the
VDD, VPP, and VNN supply voltages; however, analog
switch inputs must be unconnected, or satisfy VNN
≤
(VCOM_, VNO_)
≤ VPP during power-up and power-
down. Bypass VDD, VNN, and VPP to GND with a 0.1µF
ceramic capacitor as close to the device as possible.
Chip Information
PROCESS: BCDMOS
Table 1. Serial Interface Programming
X = Don’t care.
DATA BITS
CONTROL BITS
FUNCTION
D0
(LSB)
D1
D2
D3
D4
D5
D6
D7
(MSB)
LE
CLR
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
LL
L
Off
HL
L
On
X
X
X
X
X
X
X
X
H
L
Hold Previous State
X
X
X
X
X
X
X
X
X
H
Off
Off
Off
Off
Off
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com