Electronic Components Datasheet Search
  English  ▼

X  

MAX4802ACCM Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4802ACCM
Description  Low-Charge-Injection, 8-Channel, High-Voltage Analog Switches with 20MHz Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802ACCM Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4802ACCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 9Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 10Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 11Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 12Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 13Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 14Page - Maxim Integrated Products MAX4802ACCM Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Low-Charge-Injection, 8-Channel, High-Voltage
Analog Switches with 20MHz Serial Interface
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 15
© 2011 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
5/08
Initial release
—
1
2/11
Changed the DC analog-signal frequency range to 50MHz in the Features section;
changed the TQFP package to LQFP in the General Description, Ordering Information,
Features, Pin/Bump Configurations, Pin/Bump Descriptions, and Package Information
1, 8, 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com