Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 1 Page - Linear Technology

  LT3645 Datasheet HTML 1Page - Linear Technology LT3645 Datasheet HTML 2Page - Linear Technology LT3645 Datasheet HTML 3Page - Linear Technology LT3645 Datasheet HTML 4Page - Linear Technology LT3645 Datasheet HTML 5Page - Linear Technology LT3645 Datasheet HTML 6Page - Linear Technology LT3645 Datasheet HTML 7Page - Linear Technology LT3645 Datasheet HTML 8Page - Linear Technology LT3645 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3645
1
3645f
LOAD CURRENT (mA)
0
100
50
60
70
80
90
200
300
3645 TA01b
400
500
VOUT = 3.3V
VIN = 12V
VOUT = 5V
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36V 500mA Step-Down
Regulator and 200mA LDO
The LT®3645 is a dual output regulator combining a 500mA
buck regulator and a 200mA low dropout linear regula-
tor (LDO). The wide input voltage range of 3.6V to 36V
makes the LT3645 suitable for regulating power from a
wide variety of sources, including 24V industrial supplies
and automotive batteries. Its high operating frequency
allows the use of tiny, low cost inductors and capacitors,
resulting in a very small solution.
Cycle-by-cycle current limit and frequency foldback pro-
vide protection against shorted outputs. Soft-start and
frequency foldback eliminate input current surge during
start-up.
The linear regulator operates from the VCC2 pin at voltages
down to 1.2V. It supplies 200mA of output current with a
typical dropout voltage of 310mV.
Other features of the LT3645 include a <2μA shutdown,
short circuit protection, soft-start and thermal shutdown.
The LT3645 is available in the thermally enhanced 16-lead
(3mm × 3mm) QFN package, or a 12-lead MSE package.
3.3V/5V Step-Down Converter
APPLICATIONS
n Automotive CMOS Image Sensors
n Industrial/Automotive Micro-Controller Supply
L, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
n Wide Input Range:
Operation from 3.6V to 36V
Overvoltage Lockout Protects Circuit Through
55V Transients on Input
n 500mA Output Current Switching Regulator
n High Switching Frequency: 750kHz
n 200mA Low Dropout Linear Regulator
1.2V to 16V Input; 0.8V to 8V Output
310mV Dropout Voltage VCC2 to OUT2
n Precision Programmable Undervoltage Lockout
n Short-Circuit Robust
n Internal Soft-Start
n <2μA Shutdown Current
n Small Thermally Enhanced 16-Lead (3mm × 3mm)
QFN and 12-Lead MSE Packages
Buck Regulator Efficiency
1μF
3645 TA01a
PGOOD
6.2V TO 36V
GND
SW
DA
FB
FB2
EN2
VCC2
VIN
EN/UVLO
NPG
OUT2
10μF
5V
300mA
3.3V
200mA
15μH
52.3k
31.6k
10k
10k
BOOST
LT3645
2.2μF
0.1μF
ON OFF


Similar Part No. - LT3645

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
More results

Similar Description - LT3645

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Monolithic Power System...
MP2101 MPS-MP2101 Datasheet
469Kb / 12P
1.6MHz Synchronous Step-Down plus 200mA LDO
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
256Kb / 24P
Dual 36V, 700mA Step-Down Regulator
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
logo
Linear Technology
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
36V, 3A Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com