Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3645 Datasheet HTML 2Page - Linear Technology LT3645 Datasheet HTML 3Page - Linear Technology LT3645 Datasheet HTML 4Page - Linear Technology LT3645 Datasheet HTML 5Page - Linear Technology LT3645 Datasheet HTML 6Page - Linear Technology LT3645 Datasheet HTML 7Page - Linear Technology LT3645 Datasheet HTML 8Page - Linear Technology LT3645 Datasheet HTML 9Page - Linear Technology LT3645 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3645
6
3645f
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Pin Current
EN2 Threshold Voltage
NPG Threshold Voltage, FB = 0.8V
EN/UVLO PIN Threshold Voltage
TEMPERATURE (°C)
–50
0
50
100
1.21
1.18
1.20
1.19
1.22
1.23
1.24
1.25
1.26
3645 G17
150
RISING
FALLING
TEMPERATURE (°C)
–50
0
650
690
680
670
660
710
700
720
730
740
750
50
3645 G19
100
150
RISING
FALLING
EN/UVLO PIN VOLTAGE
010
520
15
30
35
25
40
0
20
60
80
100
120
3645 G16
40
TEMPERATURE (°C)
–50
0
0.5
0.9
0.8
0.7
0.6
1.1
1.0
1.2
1.3
1.4
1.5
50
3645 G18
100
150
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com