Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3645 Datasheet HTML 13Page - Linear Technology LT3645 Datasheet HTML 14Page - Linear Technology LT3645 Datasheet HTML 15Page - Linear Technology LT3645 Datasheet HTML 16Page - Linear Technology LT3645 Datasheet HTML 17Page - Linear Technology LT3645 Datasheet HTML 18Page - Linear Technology LT3645 Datasheet HTML 19Page - Linear Technology LT3645 Datasheet HTML 20Page - Linear Technology LT3645 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT3645
17
3645f
APPLICATIONS INFORMATION
there is a small delay before OUT2 begins ramping up as
OUT2 has to wait until VCC2 is above 2V before power can
be supplied to OUT2.
Figure 12 utilizes the NPG pin to sequence the outputs such
that OUT1 comes into regulation after OUT2 is already in
regulation. When the part is off, the buck output, OUT1
and OUT2 will be 0V. The NPG pin will be high impedance,
PFET P1 will be off and OUT1 will be disconnected from
the buck output. When the part is turned on, first the buck
output will come up to 3.3V. Once the Buck output is in
regulation, the LDO output, OUT2 will come up to 1.8V.
When both OUT2 and the buck output are in regulation,
the NPG pin will pull low, turning on PFET P1 and sup-
plying power to OUT1.
The NPG pin is capable of sinking 1mA and will pull the
gate of P1 down to 300mV. Therefore R9 should be chosen
such that:
R9 < (VOUT1 – 300mV)/1mA
Where R7 is in Ω. For a 3.3V buck output application,
PFET P1 must be able to source 300mA to OUT1 from
the buck output with ~3V of gate drive. Note that PFET
Figure 12. OUT2 Comes Up Before OUT1
EN/UVLO, 20V/DIV
OUT1, 5V/DIV
BUCK OUTPUT, 5V/DIV
500μs/DIV
OUT2
2V/DIV
NPG
5V/DIV
3645 F12
SW
4.7μH
BUCK OUTPUT
P1
31.6K
OUT1
OUT2
10μF
10K
DA
VCC2
EN2
NPG
FB
OUT2
FB2
12.4k
2.2μF
10k
LT3645
R9
31.6K
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com