Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3645 Datasheet HTML 10Page - Linear Technology LT3645 Datasheet HTML 11Page - Linear Technology LT3645 Datasheet HTML 12Page - Linear Technology LT3645 Datasheet HTML 13Page - Linear Technology LT3645 Datasheet HTML 14Page - Linear Technology LT3645 Datasheet HTML 15Page - Linear Technology LT3645 Datasheet HTML 16Page - Linear Technology LT3645 Datasheet HTML 17Page - Linear Technology LT3645 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3645
14
3645f
APPLICATIONS INFORMATION
pull large currents from the output through the SW pin
and the VIN pin. Figure 5 shows a circuit that will run only
when the input voltage is present and that protects against
a shorted or reversed input.
Frequency Compensation (Buck)
The LT3645 uses current mode control to regulate the
loop. This simplifies loop compensation. In particular, the
LT3645 does not require the ESR of the output capacitor
for stability, allowing the use of ceramic capacitors to
achieve low output ripple and small circuit size. A low
ESR output capacitor will typically provide for a greater
margin of circuit stability than an otherwise equivalent
capacitor with higher ESR, although the higher ESR will
tend to provide a faster loop response. Figure 6 shows an
equivalent circuit for the LT3645 control loop.
Figure 5. Diode D4 Prevents a Shorted Input from Discharging a
Backup Battery Tied to the Output; It Also Protects the Circuit from
a Reversed Input. The LT3645 Runs Only When the Input Is Present
Figure 6. Model for Loop Response
The error amplifier (gm) is a transconductance type with
finite output impedance. The power section, consisting
of the modulator, power switch, and inductor, is modeled
as a transconductance amplifier (G) generating an output
current proportional to the voltage at the VC node. Note
that the output capacitor integrates this current, and that
the capacitor on the VC node (CC) integrates the error
amplifier output current, resulting in two poles in the
loop. RC provides a zero. With the recommended output
capacitor, the loop crossover occurs above the RCCC zero.
This simple model works well as long as the value of the
inductor is not too high and the loop crossover frequency
is much lower than the switching frequency. With a larger
ceramic capacitor that will have lower ESR, crossover may
be lower and a phase lead capacitor connected across
R1 in the feedback divider may improve the transient
response. Large electrolytic capacitors may have an ESR
3645 F05
VIN
D4
GND
SW
DA
VCC2
NPG
FB
OUT2
VIN
EN/UVLO
EN2
FB2
BACKUP
BOOST
LT3645
G
RC
R1
R2
gm = 100μA/V
G = 1A/V
RC = 150k
CC = 60pF
OUT
COUT
CERAMIC
CC
1M
0.8V
gm
CPL
ELECTROLYTIC
ESR
+
3645 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com