Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3645 Datasheet HTML 12Page - Linear Technology LT3645 Datasheet HTML 13Page - Linear Technology LT3645 Datasheet HTML 14Page - Linear Technology LT3645 Datasheet HTML 15Page - Linear Technology LT3645 Datasheet HTML 16Page - Linear Technology LT3645 Datasheet HTML 17Page - Linear Technology LT3645 Datasheet HTML 18Page - Linear Technology LT3645 Datasheet HTML 19Page - Linear Technology LT3645 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3645
16
3645f
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values. Care still must be exercised
when using X5R and X7R capacitors; the X5R and X7R
codes only specify operating temperature range and maxi-
mum capacitance change over temperature. Capacitance
change due to DC bias with X5R and X7R capacitors
is better than Y5V and Z5U capacitors, but can still be
significant enough to drop capacitor values below ap-
propriate levels. Capacitor DC bias characteristics tend to
improve as component case size increases, but expected
capacitance at operating voltage should be verified. Voltage
and temperature coefficients are not the only sources of
problems. Some ceramic capacitors have a piezoelectric
response. A piezoelectric device generates voltage across
its terminals due to mechanical stress, similar to the way
a piezoelectric microphone works. For a ceramic capacitor
the stress can be induced by vibrations in the system or
thermal transients.
Precision Undervoltage Lockout
The EN/UVLO pin has an accurate 1.23V threshold that
can be used to shutdown the part when the input voltage
drops below a specified level. To perform this function, a
resistor divider between the EN/UVLO pin and the VIN pin
can be tied as shown in Figure 10. The resistor values can
be determined from the following equation:
R7 R8
VIN(MIN)
1.23V
–1
With the resistor divider connected, the part will only
operate at input voltages greater than VIN(MIN). Note that
the resistor divider will always draw current from VIN. To
reduce this current, the user might use large value resis-
tors for R7 and R8. This is acceptable as long as R7 and
R8 are selected such that they can supply 10μA to the
EN/UVLO pin. A good value for R8 is 100k.
Output Voltage Sequencing
There are a few applications available for sequencing the
buck and LDO output voltages. In Figures 11 and 12, the
buck output (OUT1) is programmed to 3.3V, while the LDO
output (OUT2) is programmed to 1.8V.
Figure 11 shows a standard configuration where OUT1 and
OUT2 come up as soon as possible. In this configuration,
APPLICATIONS INFORMATION
Figure 10. Precision UVLO Circuit
Figure 11. OUT1 and OUT2 Come Up as Soon as Possible
3645 F10
GND
VIN
VIN
EN/UVLO
R7
LT3645
R8
3645 F11
SW
4.7μH
31.6K
OUT1
OUT2
10μF
10K
DA
VCC2
EN2
FB
OUT2
FB2
EN/UVLO
20V/DIV
OUT1
5V/DIV
OUT2
2V/DIV
NPG
5V/DIV
500μs/DIV
12.4k
2.2μF
10k
LT3645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com