Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3645 Datasheet HTML 16Page - Linear Technology LT3645 Datasheet HTML 17Page - Linear Technology LT3645 Datasheet HTML 18Page - Linear Technology LT3645 Datasheet HTML 19Page - Linear Technology LT3645 Datasheet HTML 20Page - Linear Technology LT3645 Datasheet HTML 21Page - Linear Technology LT3645 Datasheet HTML 22Page - Linear Technology LT3645 Datasheet HTML 23Page - Linear Technology LT3645 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3645
24
3645f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2011
LT 0511 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3694
36V, 70V Transient Protection, 2.6A, 2.5MHz
High Efficiency Step-Down DC/DC Converter
with Dual LDO Controllers
VIN: 3.6V to 36V, Transient to 70V, VOUT(MIN) = 0.75V, IQ = 1mA, ISD < 1μA,
4mm × 5mm QFN-28, TSSOP-20E
LT3509
36V, 60V Transient Protection, Dual 700mA,
2.2MHz High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 36V, Transient to 60V, VOUT(MIN) = 0.8V, IQ = 1.9mA, ISD < 1μA,
3mm × 4mm DFN-14, MSOP-16E
LT3689
36V, 60V Transient Protection, 800mA, 2.2MHz
High Efficiency MicroPower Step-Down DC/DC
Converter with POR Reset and Watchdog Timer
VIN: 3.6V to 36V, Transient to 60V, VOUT(MIN) = 0.8V, IQ = 75μA, ISD < 1μA,
3mm × 3mm QFN-16
LT3682
36V, 60VMax, 1A, 2.2MHz High Efficiency
Micropower Step-Down DC/DC Converter
VIN: 3.6V to 36V, Transient to 60V, VOUT(MIN) = 0.8V, IQ = 75μA, ISD < 1μA,
3mm × 3mm QFN-12
LT3970
40V, 350mA (IOUT), 2.2MHz, High Efficiency
Step-Down DC/DC Converter with Only 2.5μA of
Quiescent Current
VIN: 4.2V to 40V, VOUT(MIN) = 1.21V, IQ = 2.5μA, ISD < 1μA, 3mm × 3mm DFN-10,
MSOP-10
LT3990
62V, 350mA (IOUT), 2.2MHz, High Efficiency
Step-Down DC/DC Converter with Only 2.5μA of
Quiescent Current
VIN: 4.2V to 40V, VOUT(MIN) = 1.21V, IQ = 2.5μA, ISD < 1μA, 3mm × 3mm DFN-10,
MSOP-10
LT3791
38V, 1.2A, 2.2MHz High Efficiency MicroPower
Step-Down DC/DC Converter with IQ = 2.8μA
VIN: 4.3V to 38V, VOUT(MIN) = 1.2V, IQ = 2.8mA, ISD < 1μA, 3mm × 3mm DFN-10,
MSOP-10E
LT3991
55V, 1.2A, 2.2MHz High Efficiency MicroPower
Step-Down DC/DC Converter with IQ = 2.8μA
VIN: 4.3V to 55V, VOUT(MIN) = 1.2V, IQ = 2.8mA, ISD < 1μA, 3mm × 3mm DFN-10,
MSOP-10E
LT3480
36V with Transient Protection to 60V, 2A (IOUT),
2.4MHz, High Efficiency Step-Down DC/DC
Converter with Burst Mode® Operation
VIN: 3.6V to 38V, VOUT(MIN) = 0.78V, IQ = 70μA, ISD < 1μA, 3mm × 3mm DFN-10,
MSOP-10E
LT3685
36V with Transient Protection to 60V, 2A (IOUT),
2.4MHz, High Efficiency Step-Down DC/DC
Converter
VIN: 3.6V to 38V, VOUT(MIN) = 0.78V, IQ = 70μA, ISD < 1μA, 3mm × 3mm DFN-10,
MSOP-10E
1.8V Step-Down Converter with 0.8V Logic Rail
1μF
3645 TA07
PGOOD
12V
GND
SW
DA
FB
FB2
EN2
VCC2
VIN
EN/UVLO
NPG
OUT2
10μF
1.8V
500mA
0.8V
200mA
ALTERNATE
POWER SOURCE
3V
4.7μH
MBRM140
12.4k
10k
BOOST
LT3645
2.2μF
0.1μF
+
–
V
ON OFF
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com