Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3645 Datasheet HTML 16Page - Linear Technology LT3645 Datasheet HTML 17Page - Linear Technology LT3645 Datasheet HTML 18Page - Linear Technology LT3645 Datasheet HTML 19Page - Linear Technology LT3645 Datasheet HTML 20Page - Linear Technology LT3645 Datasheet HTML 21Page - Linear Technology LT3645 Datasheet HTML 22Page - Linear Technology LT3645 Datasheet HTML 23Page - Linear Technology LT3645 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT3645
20
3645f
1μF
3645 TA05
PGOOD
12V
GND
SW
DA
FB
FB2
EN2
VCC2
VIN
EN/UVLO
NPG
OUT2
10μF
2.5V
300mA
1.2V
200mA
4.7μH
BAT85
MBRM140
21.5k
4.99k
10k
10k
BOOST
LT3645
2.2μF
0.1μF
ON OFF
TYPICAL APPLICATIONS
2.5V Step-Down Converter with 1.2V Logic Rail
3.3V Step-Down Converter with 1.8V Core Rail
1μF
3645 TA04
12V
GND
SW
DA
FB
FB2
EN2
VCC2
NPG
VIN
EN/UVLO
OUT2
10μF
OUT2
1.8V
200mA
L1
10μH
31.6k
12.4k
10k
10k
BOOST
LT3645
2.2μF
0.1μF
OUT1
3.3V
300mA
0.1μF
31.6K
ON OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com