Electronic Components Datasheet Search
  English  ▼

X  

LT3645 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 5 Page - Linear Technology

  LT3645 Datasheet HTML 1Page - Linear Technology LT3645 Datasheet HTML 2Page - Linear Technology LT3645 Datasheet HTML 3Page - Linear Technology LT3645 Datasheet HTML 4Page - Linear Technology LT3645 Datasheet HTML 5Page - Linear Technology LT3645 Datasheet HTML 6Page - Linear Technology LT3645 Datasheet HTML 7Page - Linear Technology LT3645 Datasheet HTML 8Page - Linear Technology LT3645 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3645
5
3645f
TYPICAL PERFORMANCE CHARACTERISTICS
Buck Power Switch Voltage Drop
Buck Power Switch Current Limit
Undervoltage Lockout
Overvoltage Lockout
Switching Frequency
TEMPERATURE (°C)
–50
0
600
650
800
750
700
850
900
950
1000
50
3645 G08
100
150
TEMPERATURE (°C)
–50 –30 –10
3.2
3.3
3.5
3.4
3.6
3.7
3.8
10 30 50 70 90
130
3645 G09
110
150
TEMPERATURE (°C)
–50
0
36.5
37.0
38.0
37.5
38.5
39.0
39.5
50
3645 G10
100
150
RISING
FALLING
TEMPERATURE (°C)
–50
0
700
750
740
730
720
710
770
760
780
790
800
50
3645 G11
100
150
TEMPERATURE (°C)
–50
0
200
220
260
240
280
300
320
340
50
3645 G12
100
150
TEMPERATURE (°C)
–60 –40 –20
20 40 60
0
0
50
150
100
250
200
300
350
80
3645 G14
120
100
140 160
OUTPUT CURRENT (mA)
0
50
100
150
–0.12
–0.16
–0.14
–0.06
–0.08
–0.10
–0.04
–0.02
0
3645 G15
200
LDO Power Transistor Current
Limit
LDO Dropout Voltage to VCC2
LDO Dropout Voltage
LDO Load Regulation
LOAD CURRENT (mA)
050
0
50
150
100
250
200
300
350
100
3645 G13
150
200
OUT2 = 0.8V
OUT2 = 3.3V
SWITCH CURRENT (mA)
0
50 100 150 200 250 300 350 400 450
0
50
200
150
100
250
300
350
400
3645 G07
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com