Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 3 Page - Infineon Technologies AG

  085 Datasheet HTML 1Page - Infineon Technologies AG 085 Datasheet HTML 2Page - Infineon Technologies AG 085 Datasheet HTML 3Page - Infineon Technologies AG 085 Datasheet HTML 4Page - Infineon Technologies AG 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 3
2008-Jan-24
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
RthJC
7
)
--
--
0.75
K/W
junction - ambient (free air):
RthJA
--
60
--
SMD version, device on PCB
8):
--
33
--
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 24 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Tab to pins 1,2,6,7, see
measurement circuit page 7)
IL = 20 A, Tj = 25 °C:
VIN = 0, IL = 20 A, Tj = 150 °C:
RON
--
7.2
14.6
9
17
m
Ω
IL = 80 A, Tj = 150 °C:
--
17
Vbb =6V, IL =20A, Tj =150°C: RON(Static)
17
22
Nominal load current
9) (Tab to pins 1,2,6,7)
ISO 10483-1/6.7: VON = 0.5 V, Tc = 85 °C
10
)
IL(ISO)
38
44
--
A
Nominal load current 9), device on PCB 8)
TA = 85 °C, Tj
≤ 150 °C VON ≤ 0.5 V,
IL(NOM)
9.9
11.1
--
A
Maximum load current in resistive range
(Tab to pins 1,2,6,7)
VON = 1.8 V, Tc = 25 °C:
see diagram on page 13
VON = 1.8 V, Tc = 150 °C:
IL(Max)
185
105
--
--
--
--
A
Turn-on time
11)
IIN
to 90% VOUT:
Turn-off time
IIN
to 10% VOUT:
RL = 1
Ω , Tj =-40...+150°C
ton
toff
50
30
--
--
400
110
µs
Slew rate on 11) (10 to 30% VOUT )
RL = 1
Ω
dV/dton
1.0
1.5
2.2
V/
µs
Slew rate off 11) (70 to 40% VOUT )
RL = 1
Ω
-dV/dtoff
1.1
1.9
2.6
V/
µs
7
)
Thermal resistance RthCH case to heatsink (about 0.5 ... 0.9 K/W with silicone paste) not included!
8
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
9
)
not subject to production test, specified by design
10
)
TJ is about 105°C under these conditions.
11
)
See timing diagram on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com