Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG 085 Datasheet HTML 10Page - Infineon Technologies AG 085 Datasheet HTML 11Page - Infineon Technologies AG 085 Datasheet HTML 12Page - Infineon Technologies AG 085 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 9
2008-Jan-24
Over voltage protection of logic part
+ Vbb
VOUT
IN
bb
R
Signal GND
Logic
PROFET
V
Z,IS
RIS
IN
R
IS
V
Z,IN
RV
V Z,VIS
Rbb = 120
Ω typ., VZ,IN = VZ,IS = 74V typ., RIS = 1kΩ
nominal. Note that when over voltage exceeds 79 V typ.
a voltage above 5V can occur between IS and GND, if
RV, VZ,VIS are not used.
Reverse battery protection
Logic
IS
IN
IS
R
V
R
OUT
L
R
Power GND
Signal GND
Vbb
-
Power
Transistor
IN
R
bb
R
D
S
D
RV ≥ 1 kΩ, RIS = 1 kΩ nominal. Add RIN for reverse
battery protection in applications with Vbb above 16V18);
recommended value:
1
RIN
+
1
RIS
+
1
RV
=
0.1A
|Vbb| - 12V
if DS
is not used (or
1
RIN
=
0.1A
|Vbb| - 12V
if DS is used).
To minimize power dissipation at reverse battery
operation, the overall current into the IN and IS pin
should be about 120mA. The current can be provided
by using a small signal diode D in parallel to the input
switch, by using a MOSFET input switch or by proper
adjusting the current through RIS and RV.
Vbb disconnect with energized inductive
load
Provide a current path with load current capability by
using a diode, a Z-diode, or a varistor. (VZL < 70 V or
VZb < 42 V if RIN=0). For higher clamp voltages
currents at IN and IS have to be limited to 250 mA.
Version a:
PROFET
V
IN
OUT
IS
bb
V
bb
VZL
Version b:
PROFET
V
IN
OUT
IS
bb
V
bb
VZb
Note that there is no reverse battery protection when
using a diode without additional Z-diode VZL, VZb.
Version c: Sometimes a necessary voltage clamp is
given by non inductive loads RL connected to the same
switch and eliminates the need of clamping circuit:
PROFET
V
IN
OUT
IS
bb
V
bb
R L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com