Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 5 Page - Infineon Technologies AG

  085 Datasheet HTML 1Page - Infineon Technologies AG 085 Datasheet HTML 2Page - Infineon Technologies AG 085 Datasheet HTML 3Page - Infineon Technologies AG 085 Datasheet HTML 4Page - Infineon Technologies AG 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet BTS50085-1TMA
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 24 V unless otherwise specified
min
typ
max
Infineon Technologies AG
Page 5
2008-Jan-24
Protection Functions
16)
Short circuit current limit (Tab to pins 1,2,6,7)
VON = 24 V, time until shutdown max. 300
µs
Tc =-40°C:
see page 8 and 13
Tc =25°C:
Tc =+150°C:
IL(SC)
IL(SC)
IL(SC)
--
--
50
90
90
80
180
--
--
A
Short circuit shutdown delay after input current
positive slope, VON > VON(SC) 17)
min. value valid only if input "off-signal" time exceeds 30
µs
td(SC)
80
--
350
µs
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL) (e.g. over voltage)
IL= 40 mA
VON(CL)
62
65
72
V
Short circuit shutdown detection voltage
17)
(pin 4 to pins 1,2,6,7)
VON(SC)
--
6
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆Tjt
--
10
--
K
Reverse Battery
Reverse battery voltage
18
)
-Vbb
--
--
42
V
On-state resistance (Pins 1,2,6,7 to pin 4)
Tj = 25°C:
Vbb =-12V, VIN=0, IL=- 20 A, RIS =1 k
Ω Tj = 150°C:
RON(rev)
--
8.8
--
10.5
20
m
Ω
Integrated resistor in Vbb line
Tj = 25C:
Tj =150°C:
Rbb
90
105
120
125
135
150
Ω
16 ) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
17
)
not subject to production test, specified by design.
18
)
The reverse load current through the intrinsic drain-source diode has to be limited by the connected load (as
it is done with all polarity symmetric loads). Note that under off-conditions (IIN = IIS = 0) the power transistor
is not activated. This results in raised power dissipation due to the higher voltage drop across the intrinsic
drain-source diode. The temperature protection is not active during reverse current operation! To reduce the
power dissipation at the integrated R
bb resistor an input resistor is recommended as described on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com