Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 4 Page - Infineon Technologies AG

  085 Datasheet HTML 1Page - Infineon Technologies AG 085 Datasheet HTML 2Page - Infineon Technologies AG 085 Datasheet HTML 3Page - Infineon Technologies AG 085 Datasheet HTML 4Page - Infineon Technologies AG 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 4
2008-Jan-24
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 24 V unless otherwise specified
min
typ
max
Inverse Load Current Operation
On-state resistance (Pins 1,2,6,7 to pin 4)
VbIN = 12 V, IL = - 20 A
Tj = 25 °C:
see diagram on page 10
Tj = 150 °C:
RON(inv)
--
7.2
14.6
9
17
m
Ω
Nominal inverse load current (Pins 1,2,6,7 to Tab)
VON = -0.5 V, Tc = 85 °C
IL(inv)
50
60
--
A
Drain-source diode voltage (Vout > Vbb)
IL = - 20 A, IIN = 0, Tj = +150°C
-VON
--
0.6
0.7
mV
Operating Parameters
Operating voltage (VIN = 0)
12)
Vbb(on)
5.0
--
58
V
Under voltage shutdown
13)14)
VbIN(u)
1.5
3.0
4.5
V
Under voltage start of charge pump
see diagram page 15
VbIN(ucp)
3.0
4.5
6.0
V
Over voltage protection
15)
Tj =-40°C:
Ibb = 15 mA
Tj = 25...+150°C:
VbIN(Z)
68
70
--
72
--
--
V
Standby current
Tj =-40...+25°C:
IIN = 0, V
bb=35V
Tj = 150°C:
Ibb(off)
--
--
15
25
25
50
µA
12
)
If the device is turned on before a V
bb-decrease, the operating voltage range is extended down to VbIN(u).
For the voltage range 0..58 V the device provides embedded protection functions against overtemperature
and short circuit.
13
)
not subject to production test, specified by design
14
)
VbIN = Vbb - VIN see diagram on page 15. When VbIN increases from less than VbIN(u) up to VbIN(ucp) = 5 V
(typ.) the charge pump is not active and VOUT
≈Vbb - 3 V.
15
)
See also VON(CL) in circuit diagram on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com