Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 085 Datasheet HTML 10Page - Infineon Technologies AG 085 Datasheet HTML 11Page - Infineon Technologies AG 085 Datasheet HTML 12Page - Infineon Technologies AG 085 Datasheet HTML 13Page - Infineon Technologies AG 085 Datasheet HTML 14Page - Infineon Technologies AG 085 Datasheet HTML 15Page - Infineon Technologies AG 085 Datasheet HTML 16Page - Infineon Technologies AG 085 Datasheet HTML 17Page - Infineon Technologies AG 085 Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 14
2008-Jan-24
Timing diagrams
Figure 1a:
Switching a resistive load,
change of load current in on-condition:
I
IN
t
V
OUT
I
L
I
IS
tson(IS)
tt
slc(IS)
Load 1
Load 2
soff(IS)
t
t
t
on
off
slc(IS)
90%
dV/dton
dV/dtoff
10%
The sense signal is not valid during a settling time
after turn-on/off and after change of load current.
Figure 2b:
Switching motors and lamps:
I
IN
t
V
OUT
I
IL
I
IS
Sense current saturation can occur at very high
inrush currents (see IIS,lim on page 6).
Figure 2c:
Switching an inductive load:
I
IN
t
V
OUT
I
L
I
IS
Figure 3d:
Short circuit:
shut down by short circuit detection, reset by IIN = 0.
I
IN
I
L
IL(SCp)
IIS
t
td(SC)
VOUT=0
VOUT>>0
Shut down remains latched until next reset via input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com