Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG 085 Datasheet HTML 10Page - Infineon Technologies AG 085 Datasheet HTML 11Page - Infineon Technologies AG 085 Datasheet HTML 12Page - Infineon Technologies AG 085 Datasheet HTML 13Page - Infineon Technologies AG 085 Datasheet HTML 14Page - Infineon Technologies AG 085 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 11
2008-Jan-24
Options Overview
Type
BTS50085-1TMA
Over temperature protection with hysteresis
X
Tj >150 °C, latch function
24
)
Tj >150 °C, with auto-restart on cooling
X
Short circuit to GND protection
switches off when VON>6 V typ.
(when first turned on after approx. 180
µs)
X
Over voltage shutdown
-
Output negative voltage transient limit
to Vbb - VON(CL)
X
to VOUT = -15 V typ
X
25)
24
)
Latch except when Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT ≠
0 V only if forced externally). So the device remains latched unless Vbb < VON(SC) (see page 5). No latch
between turn on and td(SC).
25
)
Can be "switched off" by using a diode DS (see page 8) or leaving open the current sense output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com