Electronic Components Datasheet Search
  English  ▼

X  

085 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button 085 Datasheet HTML 2Page - Infineon Technologies AG 085 Datasheet HTML 3Page - Infineon Technologies AG 085 Datasheet HTML 4Page - Infineon Technologies AG 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG 085 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet BTS50085-1TMA
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 24 V unless otherwise specified
min
typ
max
Infineon Technologies AG
Page 6
2008-Jan-24
Diagnostic Characteristics
Current sense ratio,
IL = 80 A,Tj =-40°C:
static on-condition,
Tj =25°C:
kILIS = IL : IIS,
Tj =150°C:
VON < 1.5 V
19),
IL = 20 A,Tj =-40°C:
VIS <VOUT - 5 v,
Tj =25°C:
VbIN > 4.0 V
Tj =150°C:
see diagram on page 12
IL = 10 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
IL = 4 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
kILIS
11 400
11 400
11 000
11 000
11 000
11 000
10 500
10 500
11 000
9 000
10 000
10 800
13 000
13 000
13 000
13 000
13 000
13 000
13 000
13 000
13 000
13 000
13 000
13 000
15 400
14 600
14 200
16 000
15 000
14 500
17 000
15 500
15 000
22 000
18 500
16 000
IIN = 0, I
IS=0 (e.g. during deenergizing of inductive loads):
--
--
--
Sense current saturation
IIS,lim
6.5
--
--
mA
Current sense leakage current
IIN = 0
VIN = 0, IL
< 0:
IIS(LL)
IIS(LH)
--
--
--
2
0.5
65
µA
Current sense over voltage protection
Tj =-40°C:
Ibb = 15 mA
Tj = 25...+150°C:
VbIS(Z)
68
70
--
72
--
--
V
Current sense settling time
20
)
ts(IS)
--
--
500
µs
Input
Input and operating current (see diagram page 13)
IN grounded (VIN = 0)
IIN(on)
--
0.8
1.5
mA
Input current for turn-off
21)
IIN(off)
--
--
80
µA
19
)
If VON is higher, the sense current is no longer proportional to the load current due to sense current
saturation, see
IIS,lim .
20
)
not subject to production test, specified by design
21
)
We recommend the resistance between IN and GND to be less than 0.5
k
Ω for turn-on and more than
500
k
Ω for turn-off. Consider that when the device is switched off (IIN =0) the voltage between IN and GND
reaches almost Vbb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com