Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 35 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 31Page - Analog Devices ADM1276 Datasheet HTML 32Page - Analog Devices ADM1276 Datasheet HTML 33Page - Analog Devices ADM1276 Datasheet HTML 34Page - Analog Devices ADM1276 Datasheet HTML 35Page - Analog Devices ADM1276 Datasheet HTML 36Page - Analog Devices ADM1276 Datasheet HTML 37Page - Analog Devices ADM1276 Datasheet HTML 38Page - Analog Devices ADM1276 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
ADM1276
Rev. 0 | Page 35 of 48
PMBus COMMAND REFERENCE
Command codes are in hexadecimal format.
Table 9. PMBus Command Summary
Command Code
Command Name
SMBus Transaction Type
Number of Data Bytes
Default Value at Reset
0x01
OPERATION
Read/write byte
1
0x80
0x03
CLEAR_FAULTS
Send byte
0
Not applicable
0x19
CAPABILITY
Read byte
1
0xB0
0x42
VOUT_OV_WARN_LIMIT
Read/write word
2
0x0FFF
0x43
VOUT_UV_WARN_LIMIT
Read/write word
2
0x0000
0x4A
IOUT_OC_WARN_LIMIT
Read/write word
2
0x0FFF
0x57
VIN_OV_WARN_LIMIT
Read/write word
2
0x0FFF
0x58
VIN_UV_WARN_LIMIT
Read/write word
2
0x0000
0x6B
PIN_OP_WARN_LIMIT
Read/write word
2
0x7FFF
0x78
STATUS_BYTE
Read byte
1
0x00
0x79
STATUS_WORD
Read word
2
0x0000
0x7A
STATUS_VOUT
Read byte
1
0x00
0x7B
STATUS_IOUT
Read byte
1
0x00
0x7C
STATUS_INPUT
Read byte
1
0x00
0x80
STATUS_MFR_SPECIFIC
Read byte
1
0x00
0x86
READ_EIN
Block read
1 (byte count) + 6 (data)
0x06, 0x0000, 0x00, 0x000000
0x88
READ_VIN
Read word
2
0x0000
0x8B
READ_VOUT
Read word
2
0x0000
0x8C
READ_IOUT
Read word
2
0x0000
0x97
READ_PIN
Read word
2
0x0000
0x98
PMBUS_REVISION
Read byte
1
0x22
0x99
MFR_ID
Block read
1 (byte count) + 3 (data)
0x03 + ASCII “ADI”
0x9A
MFR_MODEL
Block read
1 (byte count) + 9 (data)
0x09 + ASCII “ADM1276-3”
0x9B
MFR_REVISION
Block read
1 (byte count) + 1 (data)
0x01 + ASCII “0”
0xD0
PEAK_IOUT
Read/write word
2
0x0000
0xD1
PEAK_VIN
Read/write word
2
0x0000
0xD2
PEAK_VOUT
Read/write word
2
0x0000
0xD3
PMON_CONTROL
Read/write byte
1
0x01
0xD4
PMON_CONFIG
Read/write byte
1
0xAF
0xD6
ALERT2_CONFIG
Read/write word
2
0x8000
0xD7
IOUT_WARN2_LIMIT
Read/write word
2
0x0000
0xD8
DEVICE_CONFIG
Read/write byte
1
0x00
0xD9
POWER_CYCLE
Send byte
0
Not applicable
0xDA
PEAK_PIN
Read/write word
2
0x0000
0xDB
READ_PIN_EXT
Block read
1 (byte count) + 3 (data)
0x03, 0x000000
0xDC
READ_EIN_EXT
Block read
1 (byte count) + 8 (data)
0x08, 0x000000, 0x0000, 0x000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com