Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 32 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 28Page - Analog Devices ADM1276 Datasheet HTML 29Page - Analog Devices ADM1276 Datasheet HTML 30Page - Analog Devices ADM1276 Datasheet HTML 31Page - Analog Devices ADM1276 Datasheet HTML 32Page - Analog Devices ADM1276 Datasheet HTML 33Page - Analog Devices ADM1276 Datasheet HTML 34Page - Analog Devices ADM1276 Datasheet HTML 35Page - Analog Devices ADM1276 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ADM1276
Rev. 0 | Page 32 of 48
VOLTAGE AND CURRENT CONVERSION USING
LSB VALUES
The direct format voltage and current values returned by the
READ_VIN, READ_VOUT, and READ_IOUT commands, and
the corresponding peak versions, are the data output directly by
the ADM1276 ADC. Because the voltages and currents are 12-bit
ADC output codes, they can also be converted to real-world values
when there is knowledge of the size of the LSB on the ADC.
The m, b, and R coefficients defined for the PMBus conversion
are required to be whole integers by the standard and have,
therefore, been rounded slightly. Using this alternative method,
with the exact LSB values, can provide somewhat more accurate
numerical conversions.
To convert an ADC code to current in amperes, the following
formulas can be used:
VSENSE = LSB25 mV × (IADC − 2048)
IOUT = VSENSE/(RSENSE × 0.001)
where:
VSENSE = (VSENSE+) − (VSENSE−).
LSB25 mV = 12.4 μV.
IADC is the 12-bit ADC code.
IOUT is the measured current value in amperes.
RSENSE is the value of the sense resistor in milliohms.
To convert an ADC code to a voltage, the following formula can
be used:
VM = LSBxV × (VADC + 0.5)
where:
VM is the measured value in volts.
VADC is the 12-bit ADC code.
LSBxV values are based on the voltage range (see Table 8).
Table 8. Voltage Ranges and LSB Values
Voltage Range, LSBxV
LSB Magnitude
0 V to 6 V
1.488 mV
0 V to 20 V
5.208 mV
To convert a current in amperes to a 12-bit value, the following
formula can be used (round the result to the nearest integer):
VSENSE = IA × RSENSE × 0.001
ICODE = 2048 + (VSENSE/LSB25 mV)
where:
VSENSE = (VSENSE+) − (VSENSE−).
IA is the current value in amperes.
RSENSE is the value of the sense resistor in milliohms.
ICODE is the 12-bit ADC code.
LSB25 mV = 12.4 μV.
To convert a voltage to a 12-bit value, the following formula can
be used (round the result to the nearest integer):
VCODE = (VA/LSBxV) − 0.5
where:
VCODE is the 12-bit ADC code.
VA is the voltage value in volts.
LSBxV values are based on the voltage range (see Table 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com