Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 40 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 36Page - Analog Devices ADM1276 Datasheet HTML 37Page - Analog Devices ADM1276 Datasheet HTML 38Page - Analog Devices ADM1276 Datasheet HTML 39Page - Analog Devices ADM1276 Datasheet HTML 40Page - Analog Devices ADM1276 Datasheet HTML 41Page - Analog Devices ADM1276 Datasheet HTML 42Page - Analog Devices ADM1276 Datasheet HTML 43Page - Analog Devices ADM1276 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
ADM1276
Rev. 0 | Page 40 of 48
READ_EIN
Code: 0x86, block read. Value after reset: 0x06, 0x0000, 0x00, 0x000000.
Table 25. Byte Descriptions for READ_EIN Command
Byte
Byte Name
Value
Description
[0]
Byte count
0x06
Always reads as 0x06, the number of data bytes that the block read command
should expect to read.
[2:1]
Energy count
0x0000
Energy accumulator value in direct format. Byte 2 is the high byte, and Byte 1 is the
low byte. Internally, the energy accumulator is a 24-bit value, but only the most
significant 16 bits are returned with this command. Use the READ_EIN_EXT
command to access the nontruncated version.
[3]
Rollover count
0x00
Number of times that the energy count has rolled over from 0x7FFF to 0x0000.
This is a straight 8-bit binary value.
[6:4]
Sample count
0x000000
This is the total number of PIN samples acquired and accumulated in the energy
count accumulator. Byte 6 is the high byte, Byte 5 is the middle byte, and Byte 4 is
the low byte. This is a straight 24-bit binary value.
READ_VIN
Code: 0x88, read word. Value after reset: 0x0000.
Table 26. Bit Descriptions for READ_VIN Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VIN
Input voltage from the SENSE+ pin measurement, expressed in ADC codes.
READ_VOUT
Code: 0x8B, read word. Value after reset: 0x0000.
Table 27. Bit Descriptions for READ_VOUT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VOUT
Output voltage from the VOUT pin measurement, expressed in ADC codes.
READ_IOUT
Code: 0x8C, read word. Value after reset: 0x0000.
Table 28. Bit Descriptions for READ_IOUT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
IOUT
Output current from the measurement through the sense resistor, expressed in ADC codes.
READ_PIN
Code: 0x97, read word. Value after reset: 0x0000.
Table 29. Bit Descriptions for READ_PIN Command
Bits
Bit Name
Settings
Description
[15]
Reserved
0
Always reads as 0.
[14:0]
PIN
Input power from the VIN × IOUT calculation.
PMBUS_REVISION
Code: 0x98, read byte. Value after reset: 0x22.
Table 30. Bit Descriptions for PMBUS_REVISION Command
Bits
Bit Name
Settings
Description
[7:4]
Part I revision
0010
Always reads as 0010, PMBus Specification Part I, Revision 1.2.
[3:0]
Part II revision
0010
Always reads as 0010, PMBus Specification Part II, Revision 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com