Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 3Page - Analog Devices ADM1276 Datasheet HTML 4Page - Analog Devices ADM1276 Datasheet HTML 5Page - Analog Devices ADM1276 Datasheet HTML 6Page - Analog Devices ADM1276 Datasheet HTML 7Page - Analog Devices ADM1276 Datasheet HTML 8Page - Analog Devices ADM1276 Datasheet HTML 9Page - Analog Devices ADM1276 Datasheet HTML 10Page - Analog Devices ADM1276 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADM1276
Rev. 0 | Page 7 of 48
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Address Set to 11
2
V
Connect to VCAP
Input Current for Address 11
3
10
μA
VADR = 2.0 V to VCAP; must not exceed the maximum allowable
current draw from VCAP
SERIAL BUS DIGITAL INPUTS
(SDA, SCL)
Input High Voltage
VIH
1.1
V
Input Low Voltage
VIL
0.8
V
Output Low Voltage
VOL
0.4
V
IOL = 4 mA
Input Leakage
ILEAK-PIN
−10
+10
μA
−5
+5
μA
Device is not powered
Nominal Bus Voltage
VDD
2.7
5.5
V
3 V to 5 V ± 10%
Capacitance for SDA, SCL
Pins
CPIN
5
pF
Input Glitch Filter
tSP
0
50
ns
SERIAL BUS TIMING CHARACTERISTICS
Table 2.
Parameter
Description
Min
Typ
Max
Unit
Test Conditions/Comments
fSCLK
Clock frequency
400
kHz
tBUF
Bus free time
1.3
μs
Following the stop condition of a read transaction
4.7
μs
Following the stop condition of a write transaction
tHD;STA
Start hold time
0.6
μs
tSU;STA
Start setup time
0.6
μs
tSU;STO
Stop setup time
0.6
μs
tHD;DAT
SDA hold time
300
900
ns
tSU;DAT
SDA setup time
100
ns
tLOW
SCL low time
1.3
μs
tHIGH
SCL high time
0.6
μs
tR
SCL, SDA rise time
20
300
ns
tF
SCL, SDA fall time
20
300
ns
Timing Diagram
tLOW
tBUF
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tHIGH
tR
tF
tSU;STO
P
S
S
P
VIH
VIL
VIH
VIL
SCL
SDA
Figure 2. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com