Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 1 Page - Analog Devices

  ADM1276 Datasheet HTML 1Page - Analog Devices ADM1276 Datasheet HTML 2Page - Analog Devices ADM1276 Datasheet HTML 3Page - Analog Devices ADM1276 Datasheet HTML 4Page - Analog Devices ADM1276 Datasheet HTML 5Page - Analog Devices ADM1276 Datasheet HTML 6Page - Analog Devices ADM1276 Datasheet HTML 7Page - Analog Devices ADM1276 Datasheet HTML 8Page - Analog Devices ADM1276 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Hot Swap Controller and Digital Power and
Energy Monitoring with PMBus Interface
ADM1276
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Controls supply voltages from 2 V to 20 V
370 ns response time to short circuit
Resistor-programmable 5 mV to 25 mV current limit
±1% accurate, 12-bit ADC for current, VIN/VOUT readback
Charge pumped gate drive for multiple external N-channel FETs
High gate drive voltage to ensure lowest RDSON
Foldback for tighter FET SOA protection
Automatic retry or latch-off on current fault
Programmable current-limit timer for SOA
Programmable, multifunction GPO
Power-good status output
Analog UV and OV protection
ENABLE pin
Peak detect registers for current and voltage
PMBus fast mode compliant interface
20-lead LFCSP
APPLICATIONS
Power monitoring and control/power budgeting
Central office equipment
Telecommunication and data communication equipment
PCs/servers
FUNCTIONAL BLOCK DIAGRAM
GATE
SENSE+
TIMER
TIMER
ADM1276-3
GND
SENSE–
VCC
VCP
VCAP
ENABLE
IOUT
UV
OV
1.0V
1.0V
VOUT
VOUT
12-BIT
ADC
SCL
SDA
ADR
SENSE+
IOUT
LDO
CHARGE
PUMP
TIMEOUT
GPO2/ALERT2
PWRGD
LATCH
TIMER ON
SS
CURRENT
LIMIT
FLB
ISET
TIMEOUT
CURRENT
LIMIT
CONTROL
REF
SELECT
1.0V
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
×50
+
+
+
–
–
–
Figure 1.
GENERAL DESCRIPTION
The ADM1276 is a hot swap controller that allows a circuit board
to be removed from or inserted into a live backplane. It also features
current and voltage readback via an integrated 12-bit analog-to-
digital converter (ADC), accessed using a PMBus™ interface.
The load current is measured using an internal current sense
amplifier that measures the voltage across a sense resistor in
the power path via the SENSE+ and SENSE− pins. A default
limit of 20 mV is set, but this limit can be adjusted, if required,
using a resistor divider network from the internal reference
voltage to the ISET pin.
The ADM1276 limits the current through the sense resistor by
controlling the gate voltage of an external N-channel FET in the
power path, via the GATE pin. The sense voltage—and, therefore,
the load current—is maintained below the preset maximum. The
ADM1276 protects the external FET by limiting the time that the
FET remains on while the current is at its maximum value. This
current-limit time is set by the choice of capacitor connected to
the TIMER pin. In addition, a foldback resistor network can be
used to actively lower the current limit as the voltage across the
FET is increased. This helps to maintain constant power in the
FET and allows the safe operating area (SOA) to be adhered to
in an effective manner.
In case of a short-circuit event, a fast internal overcurrent
detector responds within 370 ns and signals the gate to shut
down. A 1500 mA pull-down device ensures a fast FET response.
The ADM1276 features overvoltage (OV) and undervoltage (UV)
protection, programmed using external resistor dividers on the
UV and OV pins. A PWRGD signal can be used to detect when
the output supply is valid, using the FLB pin to monitor the
output. A GPO pin can be configured as an output signal that
can be asserted when a programmed current or voltage level is
reached.
The 12-bit ADC can measure the current in the sense resistor,
as well as the supply voltage on the SENSE+ pin or the output
voltage. A PMBus interface allows a controller to read current
and voltage data from the ADC. Measurements can be initiated
by a PMBus command. Alternatively, the ADC can run conti-
nuously, and the user can read the latest conversion data whenever
required. As many as four unique PMBus addresses can be selected,
depending on the way that the ADR pin is connected.
The ADM1276 is available in a 20-lead LFCSP and has a LATCH
pin that can be configured for automatic retry or latch-off when
an overcurrent fault occurs.


Similar Part No. - ADM1276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
More results

Similar Description - ADM1276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
??8 V Hot Swap Controller and Digital
REV. A
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com