Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 30 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 26Page - Analog Devices ADM1276 Datasheet HTML 27Page - Analog Devices ADM1276 Datasheet HTML 28Page - Analog Devices ADM1276 Datasheet HTML 29Page - Analog Devices ADM1276 Datasheet HTML 30Page - Analog Devices ADM1276 Datasheet HTML 31Page - Analog Devices ADM1276 Datasheet HTML 32Page - Analog Devices ADM1276 Datasheet HTML 33Page - Analog Devices ADM1276 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
ADM1276
Rev. 0 | Page 30 of 48
All comparisons performed by the power monitor require the
measured value to be strictly greater or less than the threshold
value.
At power-up, all threshold limits are set to either minimum
scale (for undervoltage or undercurrent conditions) or to
maximum scale (for overvoltage or overcurrent or overpower
conditions). This effectively disables the generation of any
status warnings by default; warning bits are not set in the status
registers until the user explicitly sets the threshold values.
VIN_OV_WARN_LIMIT and VIN_UV_WARN_LIMIT
Commands
The VIN_OV_WARN_LIMIT and VIN_UV_WARN_LIMIT
commands are used to set the OV and UV thresholds on the
input voltage, as measured at the SENSE+ pin.
VOUT_OV_WARN_LIMIT and VOUT_UV_WARN_LIMIT
Commands
The VOUT_OV_WARN_LIMIT and VOUT_UV_WARN_
LIMIT commands are used to set the OV and UV thresholds
on the output voltage, as measured at the VOUT pin.
IOUT_OC_WARN_LIMIT Command
The IOUT_OC_WARN_LIMIT command sets the OC
threshold for the current flowing through the sense resistor.
IOUT_WARN2_LIMIT Command
The IOUT_WARN2_LIMIT command provides a second
current warning threshold that can be programmed. The
polarity of this warning can be set to overcurrent or
undercurrent using the DEVICE_CONFIG command.
PIN_OP_WARN_LIMIT Command
The PIN_OP_WARN_LIMIT command is used to set the
overpower threshold for the power delivered to the load.
PMBus DIRECT FORMAT CONVERSION
The ADM1276 uses the PMBus direct format internally to
represent real-world quantities such as voltage, current, and
power values. A direct format number takes the form of a
2-byte, twos complement, binary integer value.
It is possible to convert in real-world quantities. Equation 1
converts from real-world quantities to PMBus direct values, and
Equation 2 converts PMBus direct format values to real-world
values.
Y = (mX + b) × 10R
(1)
X = 1/m × (Y × 10−R − b)
(2)
where:
Y is the value in PMBus direct format.
X is the real-world value.
m is the slope coefficient, a 2-byte, twos complement integer.
b is the offset, a 2-byte, twos complement integer.
R is a scaling exponent, a 1-byte, twos complement integer.
The same equations are used for voltage, current, and power
conversions, the only difference being the values of the m, b,
and R coefficients that are used.
Table 7 lists all the coefficients required for the ADM1276. The
coefficients shown are independent of the value of the external
sense resistor used in a given application. This means that an
additional calculation must be performed to take the sense
resistor value into account when converting to or from a real-
world current or power value.
The current sense voltage coefficients shown in Table 7 convert
between the voltage that appears across the sense resistor(s),
expressed in millivolts, and the direct format value that is used
by the ADM1276 as a threshold or reported as a current
measurement.
Example 1. IOUT_OC_WARN_LIMIT requires a current-limit
value expressed in direct format.
If the required current limit is 10 A, and the sense resistor is
2 mΩ, then the first step is to determine the current sense
voltage. This is simply V = IR, giving 20 mV in this case.
Using Equation 1, and expressing X, in units of millivolts
Y = ((807 × 20) + 20,475) × 10−1
Y = 3661.5 = 3662 (rounded up to integer form)
Writing a value of 3662 with the IOUT_OC_WARN_LIMIT
command sets an overcurrent warning at 10 A.
Example 2. The READ_IOUT command returns a direct format
value of 3339 representing the current flowing through a sense
resistor of 1 mΩ.
To convert this value to the current sense voltage, use Equation 2
X = 1/807 × (3339 × 101 − 20,475)
X = 16.00 mV
To convert to current in amps, use
I = V/R
where R is expressed in milliohms.
This means that when READ_IOUT returns a value of 3339,
16.00 A is flowing in the sense resistor.
Because power is equal to voltage × current, power value
conversions are affected by the value of the sense resistor in a
similar manner. The coefficients in Table 7 can be used to
convert direct format values to resistor scaled power values and
vice versa, which then need to be scaled by the resistor value.
When converting from real-world power to direct format, the
power (in watts) is multiplied by the value of the sense resistor
expressed in ohms to give the resistor scaled power value. The
resistor scaled power value can then be inserted into Equation 1
with the appropriate conversion coefficients to obtain the direct
format value.
When converting from direct format to real-world power, the
direct format value is first converted with Equation 2, and then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com