Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 14Page - Analog Devices ADM1276 Datasheet HTML 15Page - Analog Devices ADM1276 Datasheet HTML 16Page - Analog Devices ADM1276 Datasheet HTML 17Page - Analog Devices ADM1276 Datasheet HTML 18Page - Analog Devices ADM1276 Datasheet HTML 19Page - Analog Devices ADM1276 Datasheet HTML 20Page - Analog Devices ADM1276 Datasheet HTML 21Page - Analog Devices ADM1276 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADM1276
Rev. 0 | Page 18 of 48
THEORY OF OPERATION
When circuit boards are inserted into a live backplane, discharged
supply bypass capacitors draw large transient currents from the
backplane power bus as they charge. These transient currents can
cause permanent damage to connector pins, as well as dips on
the backplane supply that can reset other boards in the system.
The ADM1276 is designed to control the powering on and off
of a system in a controlled manner, allowing a board to be removed
from, or inserted into, a live backplane by protecting it from excess
currents. The ADM1276 can reside on the backplane or on the
removable board.
POWERING THE ADM1276
A supply voltage from 2.95 V to 20 V is required to power the
ADM1276 via the VCC pin. The VCC pin provides the majority
of the bias current for the device; the remainder of the current
needed to control the gate drive and best regulate the VGS voltage is
supplied by the SENSE+ pin.
To ensure correct operation of the ADM1276, the voltage on
the VCC pin must be greater than or equal to the voltage on
the SENSE+ pin. No sequencing of the VCC and SENSE+ rails
is necessary. The SENSE+ pin can be as low as 2 V for normal
operation provided that a voltage of at least 2.95 V is connected
to the VCC pin. In most applications, both the VCC and SENSE+
pins are connected to the same voltage rail, but they are con-
nected via separate traces to prevent accuracy loss in the sense
voltage measurement (see Figure 40).
2.95V TO 20V
RSENSE
Q1
SENSE–
GND
GATE
VCC
SENSE+
ADM1276
Figure 40. Powering the ADM1276
To protect the ADM1276 from unnecessary resets due to transient
supply glitches, an external resistor and capacitor can be added,
as shown in Figure 41. Choose the values of these components so
as to provide a time constant that can filter any expected glitches.
The resistor should, however, be small enough to keep voltage
drops due to quiescent current to a minimum. Unless a resistor
is used to limit the inrush current, do not place a supply decoupling
capacitor on the rail before the FET.
2.95V TO 20V
RSENSE
Q1
SENSE–
GND
GATE
VCC
330nF
SENSE+
22Ω
ADM1276
Figure 41. Transient Glitch Protection Using an RC Network
CURRENT SENSE INPUTS
The load current is monitored by measuring the voltage drop
across an external sense resistor, RSENSE (see Figure 42). An
internal current sense amplifier provides a gain of 50 to the
voltage drop detected across RSENSE. The result is compared to
an internal reference and used by the hot swap control logic to
detect when an overcurrent condition occurs.
RSENSE
Q1
SENSE–
GND
GATE
VCC
SENSE+
ADM1276
OVER-
CURRENT
REFERENCE
×50
+
+
–
–
Figure 42. Hot Swap Current Sense Amplifier
The SENSE± inputs may be connected to multiple parallel
sense resistors, which can affect the voltage drop detected by
the ADM1276. The current flowing through the sense resistors
creates an offset, resulting in reduced accuracy.
To achieve better accuracy, the averaging resistors sum the current
from the nodes of each sense resistor, as shown in Figure 43. The
typical value for the averaging resistors is 10 Ω. The averaging
resistors are chosen to balance the input current to both sense
pins to within 5 μA. This ensures that the same offset is seen by
both sense inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com