Electronic Components Datasheet Search
  English  ▼

X  

ADM1276 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 35Page - Analog Devices ADM1276 Datasheet HTML 36Page - Analog Devices ADM1276 Datasheet HTML 37Page - Analog Devices ADM1276 Datasheet HTML 38Page - Analog Devices ADM1276 Datasheet HTML 39Page - Analog Devices ADM1276 Datasheet HTML 40Page - Analog Devices ADM1276 Datasheet HTML 41Page - Analog Devices ADM1276 Datasheet HTML 42Page - Analog Devices ADM1276 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
ADM1276
Rev. 0 | Page 39 of 48
STATUS_INPUT
Code: 0x7C, read byte. Value after reset: 0x00.
Table 23. Bit Descriptions for STATUS_INPUT Command
Bits
Bit Name
Behavior
Settings
Description
[7]
VIN_OV_FAULT
Latched
0
No overvoltage detected on the OV pin.
1
An overvoltage was detected on the OV pin.
[6]
VIN_OV_WARN
Latched
0
No overvoltage condition on the input supply detected by the power
monitor.
1
An overvoltage condition on the input supply was detected by the power
monitor.
[5]
VIN_UV_WARN
Latched
0
No undervoltage condition on the input supply detected by the power
monitor.
1
An undervoltage condition on the input supply was detected by the
power monitor.
[4]
VIN_UV_FAULT
Latched
0
No undervoltage detected on the UV pin.
1
An undervoltage was detected on the UV pin.
[3:1]
Reserved
000
Always reads as 000.
[0]
PIN_OP_WARN
Latched
0
No overpower condition on the input supply detected by the power
monitor.
1
An overpower condition on the input supply was detected by the power
monitor.
STATUS_MFR_SPECIFIC
Code: 0x80, read byte. Value after reset: 0x00.
Table 24. Bit Descriptions for STATUS_MFR_SPECIFIC Command
Bits
Bit Name
Behavior
Settings
Description
[7]
FET_HEALTH_BAD
Latched
0
FET behavior appears to be as expected.
1
FET behavior suggests that the FET may be shorted.
[6]
UV_CMP_OUT
Live
0
Input voltage to UV pin is above threshold.
1
Input voltage to UV pin is below threshold.
[5]
OV_CMP_OUT
Live
0
Input voltage to OV pin is below threshold.
1
Input voltage to OV pin is above threshold.
[4]
Reserved
0
Always reads as 0.
[3]
HS_INLIM
Latched
0
The ADM1276 has not actively limited the current into the load.
1
The ADM1276 has actively limited current into the load. This bit differs
from the IOUT_OC_FAULT bit in that the HS_INLIM bit is set immediately,
whereas the IOUT_OC_FAULT bit is not set unless the time limit set by the
capacitor on the TIMER pin elapses.
[2:1]
HS_SHUTDOWN_CAUSE
Latched
00
The ADM1276 is either enabled and working correctly, or has been shut
down using the OPERATION command.
01
An IOUT_OC_FAULT condition occurred that caused the ADM1276 to shut
down.
10
A VIN_UV_FAULT condition occurred that caused the ADM1276 to shut down.
11
A VIN_OV_FAULT condition occurred that caused the ADM1276 to shut down.
[0]
IOUT_WARN2
Latched
0
No overcurrent condition on the output supply detected by the power
monitor using the IOUT_WARN2_LIMIT command.
1
An undercurrent or overcurrent condition on the output supply was
detected by the power monitor using the IOUT_WARN2_LIMIT command.
The polarity of the threshold condition is set by the IOUT_WARN2_SELECT
bit using the DEVICE_CONFIG command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com