Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 16Page - NXP Semiconductors LPC1787 Datasheet HTML 17Page - NXP Semiconductors LPC1787 Datasheet HTML 18Page - NXP Semiconductors LPC1787 Datasheet HTML 19Page - NXP Semiconductors LPC1787 Datasheet HTML 20Page - NXP Semiconductors LPC1787 Datasheet HTML 21Page - NXP Semiconductors LPC1787 Datasheet HTML 22Page - NXP Semiconductors LPC1787 Datasheet HTML 23Page - NXP Semiconductors LPC1787 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
20 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P1[23]
76
P9
N7
53
[3]
I;
PU
I/O
P1[23] — General purpose digital input/output pin.
I
USB_RX_DP1 — D+ receive data for USB port 1 (OTG
transceiver).
O
PWM1[4] — Pulse Width Modulator 1, channel 4 output.
I
QEI_PHB — Quadrature Encoder Interface PHB input.
I
MC_FB1 — Motor control PWM channel 1 feedback input.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
O
LCD_VD[9] — LCD data.
O
LCD_VD[13] — LCD data.
P1[24]
78
T9
P7
54
[3]
I;
PU
I/O
P1[24] — General purpose digital input/output pin.
I
USB_RX_DM1 — D
 receive data for USB port 1 (OTG
transceiver).
O
PWM1[5] — Pulse Width Modulator 1, channel 5 output.
I
QEI_IDX — Quadrature Encoder Interface INDEX input.
I
MC_FB2 — Motor control PWM channel 2 feedback input.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
O
LCD_VD[10] — LCD data.
O
LCD_VD[14] — LCD data.
P1[25]
80
T10
L7
56
[3]
I;
PU
I/O
P1[25] — General purpose digital input/output pin.
O
USB_LS1 — Low Speed status for USB port 1 (OTG
transceiver).
O
USB_HSTEN1 — Host Enabled status for USB port 1.
O
T1_MAT1 — Match output for Timer 1, channel 1.
O
MC_1A — Motor control PWM channel 1, output A.
O
CLKOUT — Selectable clock output.
O
LCD_VD[11] — LCD data.
O
LCD_VD[15] — LCD data.
P1[26]
82
R10
P8
57
[3]
I;
PU
I/O
P1[26] — General purpose digital input/output pin.
O
USB_SSPND1 — USB port 1 Bus Suspend status (OTG
transceiver).
O
PWM1[6] — Pulse Width Modulator 1, channel 6 output.
I
T0_CAP0 — Capture input for Timer 0, channel 0.
O
MC_1B — Motor control PWM channel 1, output B.
I/O
SSP1_SSEL — Slave Select for SSP1.
O
LCD_VD[12] — LCD data.
O
LCD_VD[20] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com