Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 70Page - NXP Semiconductors LPC1787 Datasheet HTML 71Page - NXP Semiconductors LPC1787 Datasheet HTML 72Page - NXP Semiconductors LPC1787 Datasheet HTML 73Page - NXP Semiconductors LPC1787 Datasheet HTML 74Page - NXP Semiconductors LPC1787 Datasheet HTML 75Page - NXP Semiconductors LPC1787 Datasheet HTML 76Page - NXP Semiconductors LPC1787 Datasheet HTML 77Page - NXP Semiconductors LPC1787 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
74 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[9]
All internal pull-ups disabled. All pins configured as output and driven LOW. VDD(3V3) = 3.3 V; Tamb =25 C.
[10] VDDA = 3.3 V; Tamb =25 C.
[11] Vi(VREFP) = 3.3 V; Tamb =25 C.
[12] Including voltage on outputs in 3-state mode.
[13] VDD(3V3) supply voltages must be present.
[14] 3-state outputs go into 3-state mode in Deep power-down mode.
[15] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[16] To VSS.
[17] Includes external resistors of 33
 1 % on D+ and D.
10.1 Power consumption
Conditions: VDD(Reg)(3V3) = 3.3 V; BOD disabled.
Fig 9.
Deep-sleep mode: Regulator supply current IDD(Reg)(3V3) versus temperature
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com