Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 83Page - NXP Semiconductors LPC1787 Datasheet HTML 84Page - NXP Semiconductors LPC1787 Datasheet HTML 85Page - NXP Semiconductors LPC1787 Datasheet HTML 86Page - NXP Semiconductors LPC1787 Datasheet HTML 87Page - NXP Semiconductors LPC1787 Datasheet HTML 88Page - NXP Semiconductors LPC1787 Datasheet HTML 89Page - NXP Semiconductors LPC1787 Datasheet HTML 90Page - NXP Semiconductors LPC1787 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
87 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
11.5 I/O pins
[1]
Applies to standard port pins and RESET pin.
11.6 SSP interface
Conditions: Frequency values are typical values. 12 MHz
 1 % accuracy is guaranteed for
2.7 V
 V
DD(3V3) 3.6 V and Tamb = 40 C to +85 C. Variations between parts may cause the IRC
to fall outside the 12 MHz
 1 % accuracy specification for voltages below 2.7 V.
Fig 21. Internal RC oscillator frequency versus temperature
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>
Table 21.
Dynamic characteristic: I/O pins[1]
Tamb = 40 C to +85 C; VDD(3V3) over specified ranges.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
pin configured as
output
3.0
-
5.0
ns
tf
fall time
pin configured as
output
2.5
-
5.0
ns
Table 22.
Dynamic characteristics: SSP pins in SPI mode
Tamb = 40 C to 85 C, VDD(REG)(3V3) = 3.0 V to 3.6 V. Values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SSP master
Tcy(clk)
clock cycle time
full-duplex
mode
[1]
30
25
-
ns
when only
transmitting
30
25
-
ns
tDS
data set-up time
in SPI mode
[2]
14.8
10.5
-
ns
tDH
data hold time
in SPI mode
[2]
21
-
ns
tv(Q)
data output valid time in SPI mode
[2]
-4.0
6.3
ns
th(Q)
data output hold time in SPI mode
[2]
2.4
0.2
-
ns
SSP slave
Tcy(PCLK)
PCLK cycle time
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com