Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 68Page - NXP Semiconductors LPC1787 Datasheet HTML 69Page - NXP Semiconductors LPC1787 Datasheet HTML 70Page - NXP Semiconductors LPC1787 Datasheet HTML 71Page - NXP Semiconductors LPC1787 Datasheet HTML 72Page - NXP Semiconductors LPC1787 Datasheet HTML 73Page - NXP Semiconductors LPC1787 Datasheet HTML 74Page - NXP Semiconductors LPC1787 Datasheet HTML 75Page - NXP Semiconductors LPC1787 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
72 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
IDD(ADC)
ADC supply current
Deep sleep mode
[10] -<tbd>
-nA
Power-down mode
[10] -<tbd>
-nA
Deep power-down mode
[10] -<tbd>
-nA
II(ADC)
ADC input current
on pin VREFP
Deep sleep mode
[11] -<tbd>
-nA
Power-down mode
[11] -<tbd>
-nA
Deep power-down
mode
[11] -<tbd>
-nA
Standard port pins, RESET
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD(3V3); on-chip
pull-down resistor
disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD(3V3);
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[12][13]
[14]
0-
5.0
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-level input
voltage
0.7VDD(3V3) --V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = 4 mA
VDD(3V3)
0.4
--V
VOL
LOW-level output
voltage
IOL = 4 mA
--0.4
V
IOH
HIGH-level output
current
VOH =VDD(3V3)  0.4 V
4
--mA
IOL
LOW-level output
current
VOL = 0.4 V
4
--mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[15] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD(3V3)
[15] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
A
Ipu
pull-up current
VI =0V
15
50
85
A
VDD(3V3) <VI < 5 V
000
A
I2C-bus pins (P0[27] and P0[28])
VIH
HIGH-level input
voltage
<tbd>VDD(3
V3)
--V
VIL
LOW-level input voltage
-
-
<tbd>VDD(3
V3)
V
Table 11.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com