Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 39Page - NXP Semiconductors LPC1787 Datasheet HTML 40Page - NXP Semiconductors LPC1787 Datasheet HTML 41Page - NXP Semiconductors LPC1787 Datasheet HTML 42Page - NXP Semiconductors LPC1787 Datasheet HTML 43Page - NXP Semiconductors LPC1787 Datasheet HTML 44Page - NXP Semiconductors LPC1787 Datasheet HTML 45Page - NXP Semiconductors LPC1787 Datasheet HTML 46Page - NXP Semiconductors LPC1787 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
(1) Not available on all parts. See Table 2 and Table 7.
Fig 6.
LPC178x/7x memory map
0x4000 4000
0x4000 8000
0x4000 C000
0x4001 0000
0x4001 8000
0x4002 0000
0x4002 8000
0x4002 C000
0x4003 4000
0x4003 0000
0x4003 8000
0x4003 C000
0x4004 0000
0x4004 4000
0x4004 8000
0x4004 C000
0x4005 C000
0x4006 0000
0x4008 0000
0x4002 4000
0x4001 C000
0x4001 4000
0x4000 0000
APB1 peripherals
0x4008 0000
0x4008 8000
0x4008 C000
0x4009 0000
0x4009 4000
0x4009 8000
0x4009 C000
0x400A 0000
0x400A 4000
0x400A 8000
0x400A C000
0x400B 0000
0x400B 4000
0x400B 8000
0x400B C000
0x400C 0000
0x400F C000
0x4010 0000
SSP0
DAC
timer 2
timer 3
UART2
UART3
USART4(1)
I2C2
1 - 0 reserved
2
3
4
5
6
7
8
9
10
SSP2
I2S
11
12
reserved
motor control PWM
reserved
30 - 17 reserved
13
14
15
16
system control
31
reserved
reserved
64 kB local static RAM(1)
EMC 4 x static chip select(1)
EMC 4 x dynamic chip select(1)
reserved
private peripheral bus
0x0000 0000
0 GB
0.5 GB
4 GB
1 GB
0x1000 0000
0x1001 0000
0x1FFF 0000
0x2000 0000
0x2000 8000
0x2008 0000
0x2200 0000
0x200A 0000
0x2400 0000
0x2800 0000
0x4000 0000
0x4008 0000
0x4010 0000
0x4200 0000
0x4400 0000
0x8000 0000
0xA000 0000
0xE000 0000
0xE010 0000
0xFFFF FFFF
reserved
reserved
reserved
reserved
reserved
reserved
APB0 peripherals
0xE004 0000
AHB peripherals
APB1 peripherals
AHB SRAM bit-band alias addressing
peripheral bit-band alias addressing
16 kB AHB SRAM1(1)
0x2000 4000
16 kB AHB SRAM0(1)
LPC178x/7x
0x0008 0000
512 kB on-chip flash(1)
QEI(1)
SD/MMC(1)
APB0 peripherals
WWDT
timer 0
timer 1
UART0
UART1
reserved
reserved
CAN AF RAM
CAN common
CAN1
CAN2
CAN AF registers
PWM0
I2C0
RTC/event recorder
+ backup registers
GPIO interrupts
pin connect
SSP1
ADC
22 - 19 reserved
I2C1
31 - 24 reserved
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
23
PWM1
8 kB boot ROM
0x0000 0000
0x0000 0400
active interrupt vectors
+ 256 words
I-code/D-code
memory space
002aaf574
reserved
0x1FFF 2000
0x2900 0000
reserved
reserved
0x2008 0000
0x2008 4000
0x2008 8000
0x2008 C000
0x200A 0000
0x2009 C000
AHB peripherals
LCD(1)
USB(1)
Ethernet(1)
GPDMA controller
0
1
2
3
0x2009 0000
CRC engine
4
0x2009 4000
5
0x2009 8000
GPIO
EMC registers
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com