Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 92Page - NXP Semiconductors LPC1787 Datasheet HTML 93Page - NXP Semiconductors LPC1787 Datasheet HTML 94Page - NXP Semiconductors LPC1787 Datasheet HTML 95Page - NXP Semiconductors LPC1787 Datasheet HTML 96Page - NXP Semiconductors LPC1787 Datasheet HTML 97Page - NXP Semiconductors LPC1787 Datasheet HTML 98Page - NXP Semiconductors LPC1787 Datasheet HTML 99Page - NXP Semiconductors LPC1787 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
96 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[1]
Conditions: VSSA =0V, VDDA =3.3 V.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width.
See Figure 31.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and
the ideal transfer curve after appropriate adjustment of gain and offset errors. See Figure 31.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the
straight line which fits the ideal curve. See Figure 31.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer
curve after removing offset error, and the straight line which fits the ideal transfer curve. See Figure 31.
[7]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer
curve of the non-calibrated ADC and the ideal transfer curve. See Figure 31.
[8]
See Figure 32.
[9]
8-bit resolution is achieved by ignoring the lower four bits of the ADC conversion result.
fc(ADC)
ADC conversion
frequency
--400
kHz
8-bit resolution[9]; 1.16 MSamples/sec
ED
differential linearity
error
[1][2][3] -
1-
LSB
EL(adj)
integral non-linearity
[1][4] -
1-
LSB
EO
offset error
[1][5] -
1-
LSB
EG
gain error
[1][6] -
1-
LSB
ET
absolute error
[1][7] --<tbd>
LSB
fclk(ADC)
ADC clock frequency
-
-
36
MHz
fc(ADC)
ADC conversion
frequency
--1.16
MHz
Table 29.
ADC characteristics …continued
VDDA = 2.7 V to 3.6 V; Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com