Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 91Page - NXP Semiconductors LPC1787 Datasheet HTML 92Page - NXP Semiconductors LPC1787 Datasheet HTML 93Page - NXP Semiconductors LPC1787 Datasheet HTML 94Page - NXP Semiconductors LPC1787 Datasheet HTML 95Page - NXP Semiconductors LPC1787 Datasheet HTML 96Page - NXP Semiconductors LPC1787 Datasheet HTML 97Page - NXP Semiconductors LPC1787 Datasheet HTML 98Page - NXP Semiconductors LPC1787 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
95 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
12. ADC electrical characteristics
Table 28.
Dynamic characteristics: SD/MMC
Tamb = 40 C to 85 C, VDD(REG)(3V3) = 3.0 V to 3.6 V. Values guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode
-
25
MHz
on pin SD_CLK; identification mode
25
MHz
tsu(D)
data input set-up
time
on pins SD_CMD, SD_DAT[3:0] as
inputs
6-
ns
th(D)
data input hold time on pins SD_CMD, SD_DAT[3:0] as
inputs
6-
ns
td(QV)
data output valid
delay time
on pins SD_CMD, SD_DAT[3:0] as
outputs
-23
ns
th(Q)
data output hold
time
on pins SD_CMD, SD_DAT[3:0] as
outputs
3.5
-
ns
Fig 30. SD/MMC timing
002aag204
SDIO_SCLK
SDIO_D[3:0](O)
SDIO_D[3:0] (I)
td(QV)
th(D)
tsu(D)
Tcy(clk)
th(Q)
SDIO_CMD (O)
SDO_CMD (I)
Table 29.
ADC characteristics
VDDA = 2.7 V to 3.6 V; Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Cia
analog input
capacitance
--<tbd>
pF
Rvsi
voltage source
interface resistance
[8] --<tbd>
k
12-bit resolution; 400 kSamples/sec
ED
differential linearity
error
[1][2][3] -
1-
LSB
EL(adj)
integral non-linearity
[1][4] -
6-
LSB
EO
offset error
[1][5] -4.5
-LSB
EG
gain error
[1][6] -3
-LSB
ET
absolute error
[1][7] --<tbd>
LSB
fclk(ADC)
ADC clock frequency
-
-
12.4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com