Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 78Page - NXP Semiconductors LPC1787 Datasheet HTML 79Page - NXP Semiconductors LPC1787 Datasheet HTML 80Page - NXP Semiconductors LPC1787 Datasheet HTML 81Page - NXP Semiconductors LPC1787 Datasheet HTML 82Page - NXP Semiconductors LPC1787 Datasheet HTML 83Page - NXP Semiconductors LPC1787 Datasheet HTML 84Page - NXP Semiconductors LPC1787 Datasheet HTML 85Page - NXP Semiconductors LPC1787 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
82 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[1]
Parameters are shown as RDn or WDn in Figure 16 as indicated in the Conditions column.
[2]
Parameters specified for 40 % of VDD(IO) for rising edges and 60 % of VDD(IO) for falling edges.
[3]
Latest of address valid, CS LOW, OE LOW, BS LOW (PB = 1).
[4]
After End Of Read (EOR): Earliest of CS HIGH, OE HIGH, BLSx HIGH (PB = 1), address invalid.
[5]
End Of Write (EOW): Earliest of address invalid, CS HIGH, BLSx HIGH (PB = 1).
tBLSLBLSH
BLS LOW to BLS HIGH time WR10; PB = 0
(WAITWR
WAITWEN + 1)
Tcy(clk) + <tbd>
(WAITWR
WAITWEN + 1)
Tcy(clk) + <tbd>
(WAITWR
WAITWEN + 1)
Tcy(clk) + <tbd>
ns
tBLSHEOW
BLS HIGH to end of write
time
WR11; PB = 0 [5] <tbd>
<tbd>
<tbd>
ns
tBLSHDNV
BLS HIGH to data invalid
time
WR12;
PB = 0
<tbd>
<tbd>
<tbd>
ns
Table 15.
Dynamic characteristics: Static external memory interface …continued
CL =30 pF, Tamb = 40 C to 85 C, VDD(REG)(3V3) = 3.0 V to 3.6 V. Values guaranteed by design.
Symbol
Parameter[1]
Conditions[1]
Min
Typ
Max
Unit
Fig 16. External static memory read/write access (PB = 0)
RD1
RD5
RD2
WR2
WR9
WR12
WR10
WR11
RD5
RD5
RD6
WR8
WR1
EOR
EOW
RD7
RD4
A
CS
OE
BLSx
WE
D
002aag214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com