Electronic Components Datasheet Search
  English  ▼

X  

LPC1787 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 73Page - NXP Semiconductors LPC1787 Datasheet HTML 74Page - NXP Semiconductors LPC1787 Datasheet HTML 75Page - NXP Semiconductors LPC1787 Datasheet HTML 76Page - NXP Semiconductors LPC1787 Datasheet HTML 77Page - NXP Semiconductors LPC1787 Datasheet HTML 78Page - NXP Semiconductors LPC1787 Datasheet HTML 79Page - NXP Semiconductors LPC1787 Datasheet HTML 80Page - NXP Semiconductors LPC1787 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
77 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
EMC
0.82
3.17
7.63
RTC
0.01
0.01
0.05
USB + PLL1
0.62
0.97
1.67
Ethernet
PCENET bit set
to 1 in the
PCONP register
0.54
2.08
5.03
Table 12.
Power consumption for individual analog and digital blocks …continued
Tamb =25 C, VDD(REG)(3V3) = <tbd> V. PCLK = CCLK/4.
Peripheral
Conditions
Typical supply current in mA
12 MHz
48 MHz
120 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com