Electronic Components Datasheet Search
  English  ▼

X  

SM5M2 Datasheet(PDF) 14 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 10Page - Sharp Corporation SM5M2 Datasheet HTML 11Page - Sharp Corporation SM5M2 Datasheet HTML 12Page - Sharp Corporation SM5M2 Datasheet HTML 13Page - Sharp Corporation SM5M2 Datasheet HTML 14Page - Sharp Corporation SM5M2 Datasheet HTML 15Page - Sharp Corporation SM5M2 Datasheet HTML 16Page - Sharp Corporation SM5M2 Datasheet HTML 17Page - Sharp Corporation SM5M2 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
SM5M2
- 14 -
FUNCTIONAL DESCRIPTION
Voice Synthesizer
• How to select a voice start address
There is a voice start address and RC, composed
of 8-bit to select a voice start address. Voice start
address is 16 bits. However, RC register can points
only upper 8 bits in voice start address in partial.
Lower 8-bit is always fixed "0". Refer to "RC
register".
Minimum unit (shortest block) is equal voice ROM
capacity. Each minimum unit is composed of 256
steps. Refer to Fig.9.
Core CPU detects the status whether voice
synthesizer run or not, by reading the content of
P33 flag. (P33 flag is "1" during voice generation.)
Terminator (11111B) can be set as a voice data in
the voice ROM.
When controller found a terminator, immediately
stops voice and reset a flag.
When reached the bottom of the voice data
address, voice data address automatically becomes
0000H and voice continuously generates until come
across a terminator.
CPU can reset the P33 flag and stop voice
generation by force.
NOTE :
Voice ROM data "11111" means terminator of voice data.
That is, an encoder must encode voice data except "11111".
• Voice sampling frequency (5 kHz / 7 kHz)
In case of sampling frequency is 5 kHz, total
generation period becomes 12.8 s. In case of 7
kHz, it's 9.1 s.
Voice sampling frequency (5 kHz or 7 kHz) is
selected by RD3 register. In case of RD3 is "0",
voice sampling frequency becomes 7 kHz. In case
of RD3 is "1", it's 5 kHz.
• RC register
The RC register is composed of 8-bit. It can points
only upper 8 bits in the voice start address as
shown below. The data is filled with both A and X
registers.
NOTE :
A voice start address is corresponding to the RC register (8
bits). Maximum 256 (SM5M2) pieces of voice start address
can be selected. Each voice start address is based on
multiple number of 100H. When voice generates, P33 flag
becomes "1".
First set the sampling rate of the voice synthesizer.
The voice synthesizer start address is corre-
sponding to the RC register and the 8 bits in the
RC register are obtained by A and X register. After
setting the P33 voice flag High, the voice
synthesizer would start playing. After detect P33
Low, the voice synthesizer could play the next
section of voice.
x
15
x
14
x
13
x
12
x
11
x
10
x
9
x
8
0
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
NOTE : "x" stands for "0" or "1"
• Voice start address
Voice data
(Voice ROM)
Voice start
address
64k x 5 bits
Voice flag
0000H
0100H
0200H
0300H
0400H
0500H
0600H
0700H
X register
Acc
70
Start address
7
33
0
0
0
RC register (8 bits)
FF00H
Fig. 9
Voice ROM Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com