Electronic Components Datasheet Search
  English  ▼

X  

SM5M2 Datasheet(PDF) 25 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 25 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 20Page - Sharp Corporation SM5M2 Datasheet HTML 21Page - Sharp Corporation SM5M2 Datasheet HTML 22Page - Sharp Corporation SM5M2 Datasheet HTML 23Page - Sharp Corporation SM5M2 Datasheet HTML 24Page - Sharp Corporation SM5M2 Datasheet HTML 25Page - Sharp Corporation SM5M2 Datasheet HTML 26Page - Sharp Corporation SM5M2 Datasheet HTML 27Page - Sharp Corporation SM5M2 Datasheet HTML 28Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
SM5M2
- 25 -
INSTRUCTION SET
Definition of Symbols
The following symbols are used in descriptions for
the instructions.
M
: Contents
of
RAM
at
the
address
specified by the B register
←
: Transfer direction
∪
: Logical OR
∩
: Logical AND
⊕
: Logical XOR
Ai
: ith bit of the ACC
Push
: Content of the PC are decremented to
the stack register.
Pop
: The
decremented
contents
are
transferred back to the PC.
Pj
: Pj register ( j = 3, 2, 1, 0)
Rj
: Rj register ( j = F, E, D)
ROM ( ) : ROM contents for address within ( )
Cy
: Carry of ALU (different from the C flag)
• Each bit of a register can be represented.
For example, the ith bit of X register and R(0)
register are represented as Xi and R(0) i. ( i = 0,
1, 2, 3, ...)
• Increment and decrement denote the binary
addition of 1H and FH, respectively.
• To skip a certain instruction means that the
instruction is ignored and that no operation is
performed until the execution transfers to the next
instruction. In other words, the instruction is
regarded as a NOP instruction. Therefore, one
cycle is required to skip a one-word instruction
and two cycles are required to skip a two-word
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com