Electronic Components Datasheet Search
  English  ▼

X  

SM5M2 Datasheet(PDF) 23 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 23 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 19Page - Sharp Corporation SM5M2 Datasheet HTML 20Page - Sharp Corporation SM5M2 Datasheet HTML 21Page - Sharp Corporation SM5M2 Datasheet HTML 22Page - Sharp Corporation SM5M2 Datasheet HTML 23Page - Sharp Corporation SM5M2 Datasheet HTML 24Page - Sharp Corporation SM5M2 Datasheet HTML 25Page - Sharp Corporation SM5M2 Datasheet HTML 26Page - Sharp Corporation SM5M2 Datasheet HTML 27Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
SM5M2
- 23 -
LCD Function
• Display segment
The SM5M2 contains a built-in circuit which directly
drive a 1/4 duty, 1/2 bias LCD.
A sample LCD pattern is shown in Fig. 14.
H3
H2
H1
H0
S2
S1
S0
S33
S32
S31
S30
S29
S28
Fig. 14
LCD Pattern
A segment of the LCD can be turned on or off by
setting the corresponding bit in the display RAM (see
Fig. 5) to "1" or "0". The displayed segments can
assume any configuration containing up to a
maximum of 136 segments. An example of a 7-
segment numeric display is shown in Fig. 15.
S1
S0
H0
H1
H2
H3
Fig. 15 Sample LCD Pattern for 7-Segment Numeric Display
• LCD drive waveforms
The LCD drive waveforms for the LCD pattern of
Fig. 15 displaying a "5" are shown in Fig. 16 (the
segment output uses S0 and S1). For Fig. 16, 3 V
is applied to the VDD pin, and 1.5 V is applied to
the VOA pin.
T
H0
VDD (3 V)
VOA (1.5 V)
GND (0 V)
VDD (3 V)
VOA (1.5 V)
GND (0 V)
VDD (3 V)
VOA (1.5 V)
GND (0 V)
VDD (3 V)
VM (1.5 V)
GND (0 V)
VDD (3 V)
VOA (1.5 V)
GND (0 V)
VDD (3 V)
VOA (1.5 V)
GND (0 V)
H1
H2
H3
S0
S1
Fig. 16
LCD Drive Waveforms
(frame frequency = 1/T = 64 Hz or 128 Hz)
∗ Frame frequency is selectable by mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com