Electronic Components Datasheet Search
  English  ▼

X  

SM5M2 Datasheet(PDF) 22 Page - Sharp Corporation

Part # SM5M2
Description  4-Bit Single-Chip Microcomputer(LCD Driver)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5M2 Datasheet(HTML) 22 Page - Sharp Corporation

Back Button SM5M2 Datasheet HTML 18Page - Sharp Corporation SM5M2 Datasheet HTML 19Page - Sharp Corporation SM5M2 Datasheet HTML 20Page - Sharp Corporation SM5M2 Datasheet HTML 21Page - Sharp Corporation SM5M2 Datasheet HTML 22Page - Sharp Corporation SM5M2 Datasheet HTML 23Page - Sharp Corporation SM5M2 Datasheet HTML 24Page - Sharp Corporation SM5M2 Datasheet HTML 25Page - Sharp Corporation SM5M2 Datasheet HTML 26Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SM5M2
- 22 -
Hardware Reset Function
The hardware reset function mode activated two
instruction cycles after the falling edge from the
RESET pin.
When the RESET pin is changed
from High to Low, the pulse which is input by the
OSCIN pin is counted 215 times after which the reset
mode clears and the program counter starts from
address 0 on page 0.
The initialized status of the system after reset is
shown in Table 7.
The following reset functions are available.
• The I/O port is set as an input port and the mode
register RC, RD, RE and RF are cleared. The
output only port (P0) is cleared and output Low.
• The interrupt request flags (IFA, IFD) and the
interrupt enable flag (IME) are cleared and all
interrupts become disabled.
• The program counter start from step 0 on page 0.
For activate reset function, when power is turned
on, you must connect a capacitor (0.1 µF, TYP.)
across the RESET pin and GND.
Table 7
Reset Status
NOTES :
• Undefined flags and registers should be initialized by software.
• When all of P1 pins (P10 to P13) level goes to High, the SM5M2 is performed to reset operation. (Mask option)
FLAG OR REGISTER, X-REGISTER
STATUS ( in reset mode and at program start)
PC
0
SP
Level 1
RAM
Undefined
ACC
Undefined
X-register
Undefined
P0-P2 output latch registers
0
Divider
0
IFA flag
0
IFD flag
0
IME flag
0
0
C flag
P33 flag
Undefined
BM, BL registers
Undefined
Register RC (bit 7-0)
Register RD (bit 1)
Register RD (bit 0)
0
Undefined
Register RE (bit 2, 1, 0)
0
Register RF (bit 3, 2, 1, 0)
Register RD (bit 3)
Register RD (bit 2)
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com