| Electronic Components Datasheet Search |
|
SM5M2 Datasheet(PDF) 18 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
SM5M2 Datasheet(HTML) 18 Page - Sharp Corporation |
|
18 / 28 page ![]() SM5M2 - 18 - Standby Function A standby function is available which temporarily stops program execution to conserve power consumption. The state during which a program is in execution is called the operation mode and the state during which the execution is temporarily stopped is called the standby mode. Either CR or X' TAL oscillator can be selected to a system clock generator circuit of SM5M2. Each standby mode between CR + X' TAL and only X' TAL is entirely different as tables shown below. In case of CR + X'TAL oscillator, HALT instruction can NOT be used, only STOP instruction is available. On the other hand, in case of only X' TAL oscillator, both HALT and STOP instruction are available. STATUS CRSTOP1 CRSTOP2 CRSTOP3 0 1 0 OFF ON OFF OFF ON ON 0 0 0 OFF ON OFF OFF OFF ON 0 0 1 OFF ON OFF OFF OFF OFF 1 1 1 NOTES : • When CR = OFF, CPU and Voice are OFF. • When Divider = OFF, neither LCD nor Melody is in operation (undefined). • STOP = 1 stands for executing STOP instruction. Table 4 CR + X'TAL Standby Mode STOP HALT P33 RF1 RD2 CR Standby mode Register status Chip's status X'TAL CPU Voice LCD Divider STATUS XTALHALT1 XTALHALT2 XTALHALT3 XTALSTOP 1 0 1 0 OFF ON OFF OFF ON ON 1 0 0 0 OFF ON OFF OFF OFF ON 1 0 0 0 1 OFF ON OFF OFF OFF OFF 0 0 0 0 0 0 OFF OFF OFF OFF OFF OFF 1 NOTES : • When CR = OFF, CPU and Voice are OFF. • When Divider = OFF, neither LCD nor Melody is in operation (undefined). • STOP = 1 stands for executing STOP instruction. • HALT = 1 stands for executing HALT instruction. Table 5 Only X'TAL Standby Mode STOP HALT P33 RF1 RD2 CR Standby mode Register status Chip's status X'TAL CPU Voice LCD Divider To get a condition mentioned in the first to the sixth boxes from right hand side, one of STOP or HALT instruction must be executed under the condition mentioned in the fourth to the sixth boxes from left hand side. For instance, to get the status of XTALHALT1, of which contents are CR = OFF, X' TAL = ON, CPU = OFF, Voice = OFF, LCD = ON, and Divider = ON in the only X' tal standby mode, HALT instruction must be executed under the condition of P33 = 0, RF1 = 1 and RD2 = 0. NOTE : The halt mode stops only system clock generator circuit. This mode is used to activate the system immediately after a condition causes a release to the operation mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |