Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
I
2C Interface
Symbol
Parameter
Remark
Min.
Typ.
Max.
Unit
f
SCL
Clock frequency
¾¾
¾
400
kHz
t
HIGH
Clock High Time
¾
600
¾¾
ns
t
LOW
Clock Low Time
¾
1300
¾¾
ns
t
r
SDA and SCL Rise Time
Note
¾¾
300
ns
t
f
SDA and SCL Fall Time
Note
¾¾
300
ns
t
HD:STA
START Condition Hold Time
After this period, the first clock pulse
is generated.
600
¾¾
ns
t
SU:STA
START Condition Setup Time
Only relevant for repeated START
condition.
600
¾¾
ns
t
HD:DAT
Data Input Hold Time
¾
0
¾¾
ns
t
SU:DAT
Data Input Setup Time
¾
100
¾¾
ns
t
SU:STO
STOP Condition Setup Time
¾
600
¾¾
ns
t
AA
Output Valid from Clock
¾¾
¾
900
ns
t
BUF
Bus Free Time
Time in which the bus must be free
before a new transmission can start
1300
¾¾
ns
t
SP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
¾¾
50
ns
Note: These parameters are periodically sampled but not 100% tested
3-wire Interface
Ta=
-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
f
SCLK
Serial Clock
3V
¾¾
¾
1
MHz
5V
¾¾
¾
2
MHz
t
DC
Data to Clock Setup
3V
¾
100
¾¾
ns
5V
¾
50
¾¾
ns
t
CDH
Clock to Data Hold
3V
¾
140
¾¾
ns
5V
¾
70
¾¾
ns
t
CDD
Clock to Data Delay
3V
¾¾
¾
400
ns
5V
¾¾
¾
200
ns
t
CL
Clock Low Time
3V
¾
500
¾¾
ns
5V
¾
250
¾¾
ns
t
CH
Clock High Time
3V
¾
500
¾¾
ns
5V
¾
250
¾¾
ns
t
r
Clock Rise and Fall time
3V
¾¾
¾
1000
ns
t
f
5V
¾¾
¾
500
ns
Rev. 1.40
6
May 27, 2011
HT1382
I2C/3-Wire Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com